Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP006 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TMP006
Description  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP006 Fiches technique(HTML) 4 Page - Texas Instruments

  TMP006_15 Datasheet HTML 1Page - Texas Instruments TMP006_15 Datasheet HTML 2Page - Texas Instruments TMP006_15 Datasheet HTML 3Page - Texas Instruments TMP006_15 Datasheet HTML 4Page - Texas Instruments TMP006_15 Datasheet HTML 5Page - Texas Instruments TMP006_15 Datasheet HTML 6Page - Texas Instruments TMP006_15 Datasheet HTML 7Page - Texas Instruments TMP006_15 Datasheet HTML 8Page - Texas Instruments TMP006_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
C1
C3
C2
B1
B3
A1
A3
A2
Sensor
C
B
A
1
3
2
Columns
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
5 Device Comparison Table
TWO-WIRE
PRODUCT
INTERFACE VOLTAGE
TMP006
3.3 V
TMP006B
1.8 V
6 Pin Configuration and Functions
YZF Package
8-Pin DSBGA
(Top View, Not to Scale)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ADR0
C1
Input
Address select pin
ADR1
B1
Input
Address select pin
AGND
A2
Power
Analog ground
DGND
A1
Power
Digital ground
DRDY
C2
Output
Data ready, active low, open-drain; requires a pullup resistor to V+.
SCL
B3
Input
Serial clock line for two-wire interface, open-drain; requires a pullup resistor to V+.
SDA
C3
Input/output
Serial data line for two-wire interface, open-drain; requires a pullup resistor to V+.
V+
A3
Power
Positive supply (2.2 V to 5.5 V)
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B


Numéro de pièce similaire - TMP006_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

Description similaire - TMP006_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com