Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK681-310 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce STK681-310
Description  Forward/Reverse Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK681-310 Fiches technique(HTML) 2 Page - ON Semiconductor

  STK681-310 Datasheet HTML 1Page - ON Semiconductor STK681-310 Datasheet HTML 2Page - ON Semiconductor STK681-310 Datasheet HTML 3Page - ON Semiconductor STK681-310 Datasheet HTML 4Page - ON Semiconductor STK681-310 Datasheet HTML 5Page - ON Semiconductor STK681-310 Datasheet HTML 6Page - ON Semiconductor STK681-310 Datasheet HTML 7Page - ON Semiconductor STK681-310 Datasheet HTML 8Page - ON Semiconductor STK681-310 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STK681-310
No. A0761-2/10
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC1
With signals applied
10 to 42
V
Operating supply voltage 2
VCC2
With signals applied
5±5%
V
Input voltage
VIN
0 to VCC2V
Output current 1
IO1
VCC2=5.0V, DC current, Tc≤70°C
4.2
A
Output current 2
IO2
VCC2=5.0V, DC current, Tc=90°C
3.2
A
Output current 3
IO3
VCC2=5.0V, DC current, Tc=105°C
2.5
A
Brake current
IOB
VCC2=5.0V, square wave current, operating time 3.6ms,
Tc=105
°C
8A
Refer to the graph for each conduction-period tolerance range for the output current and brake current.
Electrical Characteristics at Tc = 25
°C, VCC1 = 24V, VCC2 = 5.0V
Parameter
Symbol
Conditions
min
typ
max
unit
VCC2 supply current
ICCO
Forward or reverse operation
1.7
4
mA
FET diode forward voltage
Vdf
If=1A (RL=23Ω)
1.0
1.6
V
Output saturation voltage 1
Vsat1
RL=23Ω, TR1, TR2
0.80
1.1
V
Output saturation voltage 2
Vsat2
RL=23Ω, F1, F2+current detection
resistance
0.19
0.26
V
Output leak current
IOL
TR1, TR2, F1, and F2 OFF operation
50
μA
Input high voltage 1
VIH1
IN1, IN2 pins
4.5
V
Input high voltage 2
VIH2
INH pin
2.5
V
Input low voltage
VIL
IN1, IN2, INH pins
0.6
V
Input current 1
IIH1
IN1, IN2 pins, VIH1=5V
0.10
0.20
0.40
mA
Input current 2
IIH2
INH pin, VIH2=5V
0.30
0.60
1.2
mA
Current set ting voltage
Vref1
Between pins Vref1 and S.P
0.42
V
Note: A fixed-voltage power supply must be used.
Package Dimensions
unit:mm (typ)
29.2
25.6
(20.47)
(5.6)
1.0
4.2
8.2
(20.4)
0.52
0.4
4.5
119
(R1.7)
2.0
18 1.0=18.0


Numéro de pièce similaire - STK681-310

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK681-310 SANYO-STK681-310 Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-310N-E ONSEMI-STK681-310N-E Datasheet
505Kb / 14P
   Forward / Reverse DC Motor Driver Intelligent Power Module
December 2016 - Rev. 0
More results

Description similaire - STK681-310

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com