Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-220-E Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce STK672-220-E
Description  Two-Phase Stepping Motor Driver Output Current 1.4A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-220-E Fiches technique(HTML) 4 Page - ON Semiconductor

  STK672-220-E Datasheet HTML 1Page - ON Semiconductor STK672-220-E Datasheet HTML 2Page - ON Semiconductor STK672-220-E Datasheet HTML 3Page - ON Semiconductor STK672-220-E Datasheet HTML 4Page - ON Semiconductor STK672-220-E Datasheet HTML 5Page - ON Semiconductor STK672-220-E Datasheet HTML 6Page - ON Semiconductor STK672-220-E Datasheet HTML 7Page - ON Semiconductor STK672-220-E Datasheet HTML 8Page - ON Semiconductor STK672-220-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STK672-220-E
No.7465-4/10
2-phase excitation
1-2 phase excitation
Phase signal: Active high input
2-phase excitation
Phase signal: Active low input
1-2 phase excitation
Pin 5
MOSFET gate signal
Pin 4
MOSFET gate signal
Pin 3
MOSFET gate signal
Pin 2
MOSFET gate signal
Pin 6
Phase signal BB
Pin 7
Phase signal B
Pin 8
Phase signal AB
Pin 9
Phase signal A
Clock
Pin 5
MOSFET gate signal
Pin 4
MOSFET gate signal
Pin 3
MOSFET gate signal
Pin 2
MOSFET gate signal
Pin 6
Phase signal BB
Pin 7
Phase signal B
Pin 8
Phase signal AB
Pin 9
Phase signal A
Clock
Pin 5
MOSFET gate signal
Pin 4
MOSFET gate signal
Pin 3
MOSFET gate signal
Pin 2
MOSFET gate signal
Pin 6
Phase signal BB
Pin 7
Phase signal B
Pin 8
Phase signal AB
Pin 9
Phase signal A
Clock
Pin 5
MOSFET gate signal
Pin 4
MOSFET gate signal
Pin 3
MOSFET gate signal
Pin 2
MOSFET gate signal
Pin 6
Phase signal BB
Pin 7
Phase signal B
Pin 8
Phase signal AB
Pin 9
Phase signal A
Clock


Numéro de pièce similaire - STK672-220-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
More results

Description similaire - STK672-220-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
logo
Hitachi Semiconductor
HA13475MP HITACHI-HA13475MP Datasheet
63Kb / 3P
   TWO PHASE STEPPING MOTOR DRIVER
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-120-E ONSEMI-STK672-120-E Datasheet
85Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com