Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4448 Fiches technique(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

No de pièce 1N4448
Description  SMALL SIGNAL DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Site Internet  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

1N4448 Fiches technique(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  1N4448 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. 1N4448 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings (Ta=25
°C)
Items
Symbol
Ratings
Unit
Reverse Voltage
VR
75
V
Reverse Recovery
Time
trr
4
ns
Power Dissipation
3.33mW/
°C (25°C)
P
500
mW
Forward Current
IF
500
mA
Junction Temp.
Tj
-65 to 175
°C
Storage Temp.
Tstg
-65 to 175
°C
Mechanical Data
Items
Materials
Package
DO-35
Case
Hermetically sealed glass
Lead/Finish
Double stud/Solder Plating
Chip
Glass Passivated
Dimensions (DO-35)
DO-35
0.457
0.559
2.0
max.
4.2
max.
26 MIN
26 MIN
Dimensions in millimeters
DIA.
DIA.
Electrical Characteristics (Ta=25
°C)
Ratings
Symbol
Ratings
Unit
Minimum Breakdown Voltage
IR= 5.0uA
IR= 100uA
BV
75
100
V
Peak Forward Surge Current PW= 1sec.
IFsurge
1.0
A
Maximum Forward Voltage
IF= 100mA
VF
1.0
V
Maximum Reverse Current
VR= 20V
VR= 75V
VR= 20V, Tj= 150
°C
IR
0.025
5.0
50
uA
Maximum Junction Capacitance
VR= 0, f= 1 MHz
Cj
4
pF
Maximum Reverse Recovery Time
IF= 10mA, VR= 6V, IRR= 1mA, RL= 100
trr
4
ns
PB FREE PRODUCT
1N4448
SMALL SIGNAL DIODE


Numéro de pièce similaire - 1N4448

FabricantNo de pièceFiches techniqueDescription
logo
Chongqing Pingwei Enter...
1N4448 CHONGQING-1N4448 Datasheet
38Kb / 1P
   HIGH SPEED SWITCHING DIODES
logo
NXP Semiconductors
1N4448 PHILIPS-1N4448 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
1N4448 PHILIPS-1N4448 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
First Components Intern...
1N4448 FCI-1N4448 Datasheet
123Kb / 2P
   500 mW EPITAXIAL PLANAR DIODES
logo
GOOD-ARK Electronics
1N4448 GOOD-ARK-1N4448 Datasheet
235Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results

Description similaire - 1N4448

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com