Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2819-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2819-Q1
Description  Single-Channel High-Speed MOSFET Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2819-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS2819-Q1 Datasheet HTML 4Page - Texas Instruments TPS2819-Q1 Datasheet HTML 5Page - Texas Instruments TPS2819-Q1 Datasheet HTML 6Page - Texas Instruments TPS2819-Q1 Datasheet HTML 7Page - Texas Instruments TPS2819-Q1 Datasheet HTML 8Page - Texas Instruments TPS2819-Q1 Datasheet HTML 9Page - Texas Instruments TPS2819-Q1 Datasheet HTML 10Page - Texas Instruments TPS2819-Q1 Datasheet HTML 11Page - Texas Instruments TPS2819-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
15
10
5
0
4
6
8
1 0
20
25
30
12
14
FALL TIME
vs
SUPPLY VOLTAGE
V
- Supply Voltage - V
CC
TA = 25°C
CL = 2200 pF
CL = 1000 pF
CL = 0
20
10
5
0
4
6
8
1 0
25
30
35
12
14
RISE TIME
vs
SUPPLY VOLTAGE
VCC- Supply Voltage - V
15
TA = 25°C
CL = 2200 pF
CL = 1000 pF
CL = 0
TPS2816-Q1 , TPS2817-Q1, TPS2818-Q1
TPS2819-Q1, TPS2828-Q1, TPS2829-Q1
SPRS289B
– AUGUST 2005 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Rise time
vs Supply voltage
Figure 4
Fall time
vs Supply voltage
Figure 5
Propagation time (L
→ H)
vs Supply voltage
Figure 6
Propagation time (H
→ L)
vs Supply voltage
Figure 7
Rise time
vs Ambient temperature
Figure 8
Fall time
vs Ambient temperature
Figure 9
Propagation time (L
→ H)
vs Supply voltage
Figure 10
Propagation time (H
→ L)
vs Ambient temperature
Figure 11
Supply current (VCC)
vs Supply voltage
Figure 12
Supply current (VCC)
vs Load capacitance
Figure 13
Supply current (VCC)
vs Ambient temperature
Figure 14
Input threshold voltage
vs Supply voltage
Figure 15
Regulator output voltage
vs Regulator supply voltage
Figure 16
Regulator quiescent current
vs Regulator supply voltage
Figure 17
Shoot-through current
vs Input voltage (L
→ H)
Figure 18
Shoot-through current
vs Input voltage (H
→ L)
Figure 19
Figure 4.
Figure 5.
8
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2816-Q1 TPS2817-Q1 TPS2818-Q1 TPS2819-Q1 TPS2828-Q1 TPS2829-Q1


Numéro de pièce similaire - TPS2819-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2819-Q1 TI-TPS2819-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
More results

Description similaire - TPS2819-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
logo
Elantec Semiconductor
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
logo
Linear Technology
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4420 MAXIM-MAX4420 Datasheet
236Kb / 6P
   High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
logo
Elantec Semiconductor
EL7412C ELANTEC-EL7412C Datasheet
180Kb / 8P
   High Speed, Four Channel Power MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com