Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2817-Q1 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS2817-Q1
Description  Single-Channel High-Speed MOSFET Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2817-Q1 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS2817-Q1 Datasheet HTML 1Page - Texas Instruments TPS2817-Q1 Datasheet HTML 2Page - Texas Instruments TPS2817-Q1 Datasheet HTML 3Page - Texas Instruments TPS2817-Q1 Datasheet HTML 4Page - Texas Instruments TPS2817-Q1 Datasheet HTML 5Page - Texas Instruments TPS2817-Q1 Datasheet HTML 6Page - Texas Instruments TPS2817-Q1 Datasheet HTML 7Page - Texas Instruments TPS2817-Q1 Datasheet HTML 8Page - Texas Instruments TPS2817-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS2816-Q1 , TPS2817-Q1, TPS2818-Q1
TPS2819-Q1, TPS2828-Q1, TPS2829-Q1
www.ti.com
SPRS289B
– AUGUST 2005 – REVISED SEPTEMBER 2011
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
(2)
VALUE / UNITS
VCC
Supply voltage range
–0.3 V to 15 V
VDD
Regulator supply voltage range
VCC –0.3 V to 42 V
Input voltage range, IN
–0.3 V to VCC +0.5 V
Output voltage range (pin 4)
–0.5 V to VCC +0.5 V
VCC
Continuous regulator output current
25 mA
Continuous output current, OUT
±100 mA
Continuous total power dissipation
See Dissipation Rating Table
TJ
Operating junction temperature range
–40°C to 150°C
Tstg
Storage temperature range
–65°C to 150°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to device GND terminal.
DISSIPATION RATINGS
(1)
TA 3 25°C
DERATING FACTOR
TA = 70°C
TA = 80°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DBV
437 mW
3.5 mW/
°C
280 mW
227 mW
(1)
These dissipation ratings are based upon EIA specification JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded
Surface Mount Packages, in tests conducted in a zero-airflow, wind-tunnel environment.
ESD RATINGS, TPS2819
over operating free-air temperature range (unless otherwise noted).
PARAMETER
VALUE
UNIT
Human Body Model (HBM)
2000
V
ESD
Machine Model (MM)
200
V
Charged-Device Model (CDM)
500
V
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Regulator input voltage range, TPS2816 through TPS2819
8
40
V
VCC
Supply voltage
4
14
V
IN
Input voltage
–0.3
VCC
V
ICC
Continuous regulator output current
0
20
mA
TJ
Operating junction temperature
–40
125
°C
TPS28xx ELECTRICAL CHARACTERISTICS
over recommended operating ambient temperature range, VCC = 10 V, VDD tied to VCC, CL = 1 nF (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
INPUTS
VCC = 5 V
3.3
4
Positive-going input threshold voltage
VCC = 10 V
6.6
7
V
VCC = 14 V
9.3
10
(1)
Typical values are for TA = 25°C, unless otherwise noted.
Copyright
© 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2816-Q1 TPS2817-Q1 TPS2818-Q1 TPS2819-Q1 TPS2828-Q1 TPS2829-Q1


Numéro de pièce similaire - TPS2817-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2817-Q1 TI-TPS2817-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
More results

Description similaire - TPS2817-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
logo
Elantec Semiconductor
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
logo
Linear Technology
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4420 MAXIM-MAX4420 Datasheet
236Kb / 6P
   High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
logo
Elantec Semiconductor
EL7412C ELANTEC-EL7412C Datasheet
180Kb / 8P
   High Speed, Four Channel Power MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com