Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I2010AF-08TT Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce I2010AF-08TT
Description  Low Frequency EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

I2010AF-08TT Fiches technique(HTML) 3 Page - ON Semiconductor

  I2010AF-08TT Datasheet HTML 1Page - ON Semiconductor I2010AF-08TT Datasheet HTML 2Page - ON Semiconductor I2010AF-08TT Datasheet HTML 3Page - ON Semiconductor I2010AF-08TT Datasheet HTML 4Page - ON Semiconductor I2010AF-08TT Datasheet HTML 5Page - ON Semiconductor I2010AF-08TT Datasheet HTML 6Page - ON Semiconductor I2010AF-08TT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P2010A
http://onsemi.com
3
Table 3. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input Frequency
10
20
35
MHz
tLH (Note 1)
Output rise time (measured at 0.8 V to 2.0 V)
0.7
0.9
1.1
nS
tHL (Note 1)
Output fall time (measured at 2.0 V to 0.8 V)
0.6
0.8
1.0
nS
tJC
Jitter (Cycle−to−cycle)
360
pS
tD
Output duty cycle
45
50
55
%
1. tLH and tHL are measured into a capacitive load of 15 pF.
Table 4. PIN DESCRIPTION
Pin#
Pin Name
Type
Description
1
XIN / CLK
I
Connect to crystal or externally generated clock signal.
2
XOUT
I
Connect to crystal. No connect if externally generated clock signal is used.
3
FS0
I
Digital logic input used to select Input Frequency Range (see Table 5).
This pin has an internal pull−up resistor.
4
VSS
P
Ground Connection. Connect to system ground.
5
SSON
I
Digital logic input used to enable Spread Spectrum function (Active Low). Spread Spectrum
function enable when low. This pin has an internal pull−low resistor.
6
ModOUT
O
Spread Spectrum Clock Output.
7
SR0
I
Digital logic input used to select Spreading Range (see Table 5).
This pin has an internal pull−up resistor.
8
VDD
P
Connect to +3.3 V or +5.0 V.
Table 5. SPREAD RANGE SELECTION
FS0
SR0
Spreading Range
Input Frequency
Modulation Rate
1
0
±1.50%
10 MHz to 20 MHz
(Fin/10)*20.83 KHz
1
1
±2.50%
10 MHz to 20 MHz
(Fin/10)*20.83 KHz
0
0
±1.25%
20 MHz to 35 MHz
(Fin/10)*20.83 KHz
0
1
±2.00%
20 MHz to 35 MHz
(Fin/10)*20.83 KHz


Numéro de pièce similaire - I2010AF-08TT

FabricantNo de pièceFiches techniqueDescription
logo
PulseCore Semiconductor
I2010AF-08TT PULSECORE-I2010AF-08TT Datasheet
164Kb / 8P
   Low Frequency EMI Reduction IC
More results

Description similaire - I2010AF-08TT

FabricantNo de pièceFiches techniqueDescription
logo
Alliance Semiconductor ...
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
   Low Frequency EMI Reduction IC
logo
Alliance Semiconductor ...
P2005A ALSC-P2005A Datasheet
459Kb / 10P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
   Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2005A ONSEMI-P2005A Datasheet
128Kb / 7P
   A Low Frequency EMI Reduction IC
August, 2011 ??Rev. P3
ASM3P622S00B ONSEMI-ASM3P622S00B Datasheet
177Kb / 13P
   Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
   Low Frequency EMI Reduction
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
   Low Frequency EMI Reduction
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
   Low Frequency EMI Reduction
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com