Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU806 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce BU806
Description  NPN Darlington Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU806 Fiches technique(HTML) 1 Page - ON Semiconductor

  BU806 Datasheet HTML 1Page - ON Semiconductor BU806 Datasheet HTML 2Page - ON Semiconductor BU806 Datasheet HTML 3Page - ON Semiconductor BU806 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN Darlington Power
Transistor
This Darlington transistor is a high voltage, high speed device for
use in horizontal deflection circuits in TV’s and CRT’s.
High Voltage:
VCEV = 330 or 400 V
Fast Switching Speed:
tc = 1.0 µs (max)
Low Saturation Voltage:
VCE(sat) = 1.5 V (max)
Packaged in JEDEC TO–220AB
Damper Diode V
F is specified.
VF = 2.0 V (max)
MAXIMUM RATINGS
Rating
Symbol
BU806
Unit
Collector–Emitter Voltage
VCEO
200
Vdc
Collector–Emitter Voltage
VCEV
400
Vdc
Collector–Base Voltage
VCBO
400
Vdc
Emitter–Base Voltage
VEBO
6.0
Vdc
Collector Current — Continuous
— Peak
IC
8.0
15
Adc
Emitter–Collector Diode Current
IF
10
Adc
Base Current
IB
2.0
Adc
Total Device Dissipation, TC = 25°C
Derate above TC = 25_C
PD
60
0.48
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
–65 to 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
2.08
_C/W
Thermal Resistance, Junction to Ambient
RθJA
70
_C/W
Lead Temperature for Soldering Purposes,
1/8
″ from Case for 5.0 Seconds
TL
275
_C
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
March, 2001 – Rev. 3
1
Publication Order Number:
BU806/D
BU806
8.0 AMPERE
DARLINGTON
NPN POWER
TRANSISTORS
60 WATTS
200 VOLTS
CASE 221A–09
TO–220AB


Numéro de pièce similaire - BU806

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BU806 MOSPEC-BU806 Datasheet
110Kb / 3P
   POWER TRANSISTORS(8.0A,150-200V,60W)
logo
List of Unclassifed Man...
BU806 ETC2-BU806 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Motorola, Inc
BU806 MOTOROLA-BU806 Datasheet
104Kb / 4P
   8.0 AMPERE DARLINGTON NPN POWER TRANSISTORS 60 WATTS 200 VOLTS
logo
STMicroelectronics
BU806 STMICROELECTRONICS-BU806 Datasheet
164Kb / 6P
   FAST SWITCHING DARLINGTON TRANSISTORS
December 1988
BU806 STMICROELECTRONICS-BU806 Datasheet
59Kb / 4P
   MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
More results

Description similaire - BU806

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
2N6388 MCC-2N6388_13 Datasheet
623Kb / 4P
   NPN Darlington Power Transistor
logo
Seme LAB
PMD18D100 SEME-LAB-PMD18D100 Datasheet
21Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
NJVNJD35N04G ONSEMI-NJVNJD35N04G Datasheet
128Kb / 4P
   NPN Darlington Power Transistor
February, 2012 ??Rev. 5
logo
Seme LAB
PMD18K100 SEME-LAB-PMD18K100 Datasheet
21Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX69 NJSEMI-BDX69 Datasheet
75Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
Seme LAB
BDX69A SEME-LAB-BDX69A Datasheet
18Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
STMicroelectronics
2STP535FP STMICROELECTRONICS-2STP535FP Datasheet
169Kb / 8P
   NPN power Darlington transistor
BDW83C STMICROELECTRONICS-BDW83C_07 Datasheet
115Kb / 8P
   NPN power Darlington transistor
logo
Micro Commercial Compon...
2N6388 MCC-2N6388 Datasheet
530Kb / 4P
   NPN Darlington Power Transistor
logo
ON Semiconductor
NJD35N04G ONSEMI-NJD35N04G_10 Datasheet
96Kb / 4P
   NPN Darlington Power Transistor
July, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com