Moteur de recherche de fiches techniques de composants électroniques |
|
LS3103 Fiches technique(PDF) 1 Page - BOWIN ELECTRONIC CO. |
|
LS3103 Fiches technique(HTML) 1 Page - BOWIN ELECTRONIC CO. |
1 / 8 page LSI LS3103 Simple LCD micro-controller Features : * 6 Input pad * EL driver output. * Direct drive buzzer output. * 1024x12 bit ROM * 73x4 bit of RAM. * 28x2, x3, or x4 LCD segment mask option * LCD ROM * 12 (of 28 segment) output mask option * 32768 Crystal/RC oscillator mask option * Single 3.0V operation. General Description The LS3103 is a simple micro-controller for LCD application. It has an internal ROM size of 1Kx12bit. A total of 73x4 bit RAM. LCD can be configured to be 1/2, 1/3, 1/4 duty mask option. A total of 28 segment PAD can be configured to be 28x2, 28x3 or 16x4 + 12x3 LCD segment. LCD bias is 1/2. Segment pad S17-S28 can be configured as output pad by mask option. The LS3103 also include a 16x12x3x4bit of data ROM. It has a total of 6 input pad, 2 EL/output pad (mask option) and 2 buzzer output pad. It has low power consumption. |
Numéro de pièce similaire - LS3103 |
|
Description similaire - LS3103 |