Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS393DR2G Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce TS393DR2G
Description  Micropower Dual CMOS Voltage Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TS393DR2G Fiches technique(HTML) 5 Page - ON Semiconductor

  TS393DR2G Datasheet HTML 1Page - ON Semiconductor TS393DR2G Datasheet HTML 2Page - ON Semiconductor TS393DR2G Datasheet HTML 3Page - ON Semiconductor TS393DR2G Datasheet HTML 4Page - ON Semiconductor TS393DR2G Datasheet HTML 5Page - ON Semiconductor TS393DR2G Datasheet HTML 6Page - ON Semiconductor TS393DR2G Datasheet HTML 7Page - ON Semiconductor TS393DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NCV2393, TS393
http://onsemi.com
5
1.25
1
0.75
0.5
0.25
0
Figure 1. IIB and IOS vs. Temperature
04
8
12
16
20
IOL, LOW−LEVEL OUTPUT CURRENT (mA)
Figure 2. VOL vs. IOL
VS = 3 V
VS = 4 V
VS = 5 V
VS = 10 V
VS = 16 V
450
−55
−40
25
70
85
125
400
350
300
250
150
100
50
0
TA, FREE−AIR TEMPERATURE (°C)
Figure 3. VOL vs. Temperature
TA = −55°C
TA = −40°C
TA = 25°C
TA = 70°C
TA = 85°C
TA = 125°C
25
02
4
10
12
14
VS, SUPPLY VOLTAGE (V)
68
Figure 4. IDD vs. VS
20
15
10
5
0
600
25
45
85
125
TEMPERATURE (
°C)
500
400
300
200
100
0
65
105
IIB+
IIB
IOS
VS = 5 V
VCM = mid−rail
VS = 5 V
IOL = 6 mA
16
Output Low
No Loads
Total IDD of both channels
18
VOH, HIGH LEVEL OUTPUT VOLTAGE (V)
16
14
12
10
8
6
4
2
0
Figure 5. IDD vs. Temperature
Outputs High
Outputs Low
VS = 5 V
No Loads
Total IDD of Both Channels
−55
−40
25
70
85
125
900
VS, SUPPLY VOLTAGE (V)
36
9
30
33
36
800
700
600
500
400
300
27
12
15
18
21
24
tPHL
tPLH
Figure 6. Propagation Delay vs. VS
Overdrive = 50 mV
RP = 5.1 kW
CL = 50 pF
TA = 25°C


Numéro de pièce similaire - TS393DR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TS393DR2G ONSEMI-TS393DR2G Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
More results

Description similaire - TS393DR2G

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
logo
STMicroelectronics
JTS3702 STMICROELECTRONICS-JTS3702 Datasheet
4Mb / 10P
   Micropower dual CMOS voltage comparator: unsawn wafer
JTS393 STMICROELECTRONICS-JTS393 Datasheet
1Mb / 10P
   Micropower dual CMOS voltage comparator: unsawn wafer
December 2013 Rev 1
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Texas Instruments
TLC193 TI-TLC193 Datasheet
354Kb / 23P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com