Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5839A Fiches technique(PDF) 4 Page - Nippon Precision Circuits Inc

No de pièce SM5839A
Description  High-Speed Variable-Length Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5839A Fiches technique(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5839A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM5839A
NIPPON PRECISION CIRCUITS—4
Low-voltage specification: VDD = 3.0 ± 0.3 V, VSS = 0 V, Ta = −20 to 70 °C
AC Characteristics
Standard-voltage specification: VDD = 5.0 ± 0.5 V, VSS = 0 V, Ta = −20 to 70 °C
1. All inputs (CLK, DIN0 to DIN7, S0 to S6, OE, ENRC)
2. All outputs (DOUT0 to DOUT7)
3. Inputs DIN0 to DIN7, S0 to S6, OE, ENRC
4. Input CLK only
1. All inputs (CLK, DIN0 to DIN7, S0 to S6, OE, ENRC)
2. All outputs (DOUT0 to DOUT7)
3. Inputs DIN0 to DIN7, S0 to S6, OE, ENRC
4. Input CLK only
Input leakage current4
ILL
VIN = 0 V
1
µA
Input leakage current1
ILH
VIN = VDD
––1
µA
Output high-impedance leakage
current2
IZH
VOUT = VDD
––5
µA
IZL
VOUT = 0 V
5
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Standby current consumption
IST
––
50
µA
Operating current consumption
IDD
OE = 0 V, fCLK = 20 MHz
10
20
mA
Input voltage1
VIH
2.0
V
VIL
0.5
Output voltage2
VOH
IOH = −0.4 mA
2.0
V
VOL
IOL = 1.6 mA
0.8
Input current3
IIL
VIN = 0 V
30
60
µA
Input leakage current4
ILL
VIN = 0 V
1
µA
Input leakage current1
ILH
VIN = VDD
––1
µA
Output high-impedance leakage
current2
IZH
VOUT = VDD
––5
µA
IZL
VOUT = 0 V
5
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
CLK clock frequency
fCLK
54
MHz
CLK rise time
tCR
100
ns
CLK fall time
tCF
100
ns
CLK clock pulsewidth
tWH
7––
ns
DIN0 to DIN7, ENRC input setup time
tS1
2––
ns
S0 to S6 input setup time
tS2
12
ns
DIN0 to DIN7, ENRC input hold time
tH1
2––
ns
S0 to S6 input hold time
tH2
0––
ns
DOUT0 to DOUT7 output data delay
time
tD
Output load circuit 1
18
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max


Numéro de pièce similaire - SM5839A

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM5830P NPC-SM5830P Datasheet
228Kb / 8P
   High-speed, 8-bit Variable-length Shift Register
SM5831F NPC-SM5831F Datasheet
365Kb / 13P
   Digital Filter for Video Signal Processors
SM5833 NPC-SM5833 Datasheet
340Kb / 11P
   High-speed, 16-bit High-speed Advanced Adder
SM5833AF NPC-SM5833AF Datasheet
340Kb / 11P
   High-speed, 16-bit High-speed Advanced Adder
SM5834AG NPC-SM5834AG Datasheet
541Kb / 16P
   General-purpose High-speed FIR Digital Filter
More results

Description similaire - SM5839A

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM5829P NPC-SM5829P Datasheet
231Kb / 8P
   High-speed, 8-bit Variable-length Shift Register
SM5830P NPC-SM5830P Datasheet
228Kb / 8P
   High-speed, 8-bit Variable-length Shift Register
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
   Variable-Length Shift Register
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
   Variable-Length Shift Register
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
   Variable Length Static Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
   4/8-bit Variable Length Shift Register
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
   1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
   1-to-64 bit variable length shift register
January 1995
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
   1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com