Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS345A Fiches technique(PDF) 2 Page - GOOD-ARK Electronics

No de pièce LS345A
Description  Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS345A Fiches technique(HTML) 2 Page - GOOD-ARK Electronics

  LS345A Datasheet HTML 1Page - GOOD-ARK Electronics LS345A Datasheet HTML 2Page - GOOD-ARK Electronics LS345A Datasheet HTML 3Page - GOOD-ARK Electronics LS345A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LS34A thru LS345A
Surface Mount Schottky Rectifier
Reverse Voltage 40~45V Forward Current 3A
www.goodark.com
2/4
2015.01-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive 
Peak Forward Surge Current
Figure 3. Typical Reverse Characteristics 
Figure 4. Typical Junction Capacitance
Figure 5. Typical Instantaneous Forward Characteristics 
www.goodark.com
2/4
2015.01-Rev.A


Numéro de pièce similaire - LS345A

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
LS345A GOOD-ARK-LS345A Datasheet
388Kb / 4P
   Surface Mount Schottky Rectifier
LS345AS GOOD-ARK-LS345AS Datasheet
388Kb / 4P
   Surface Mount Schottky Rectifier
More results

Description similaire - LS345A

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
LS34AS GOOD-ARK-LS34AS_15 Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
LSL34 GOOD-ARK-LSL34 Datasheet
265Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
FS32 GOOD-ARK-FS32_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~45V Forward Current 3A
LS54 GOOD-ARK-LS54 Datasheet
228Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40/45V Forward Current 5A
LSL54 GOOD-ARK-LSL54 Datasheet
195Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 5A
SGC1545S GOOD-ARK-SGC1545S_15 Datasheet
250Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045S GOOD-ARK-SGC1045S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
SGC2545S GOOD-ARK-SGC2545S_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 25A
SGC1545SA GOOD-ARK-SGC1545SA_15 Datasheet
257Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045SA GOOD-ARK-SGC1045SA_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com