Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1205-L-E Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce LB1205-L-E
Description  High-Voltage, Large-Current Darlington Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1205-L-E Fiches technique(HTML) 1 Page - ON Semiconductor

  LB1205-L-E Datasheet HTML 1Page - ON Semiconductor LB1205-L-E Datasheet HTML 2Page - ON Semiconductor LB1205-L-E Datasheet HTML 3Page - ON Semiconductor LB1205-L-E Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30314HK 20051115-S00002,20121120-S00002/O0808MS
/O1995YK/7097KI/6265KI/D203KI,TS No.1831-1/4
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
March, 2014
LB1205
Overview
The LB1205 is a 4-unit, high withstand voltage (65V), large-current (1.5A) Darlington driver array with input low
active configuration and sync output.
Features
 4-unit, high withstand voltage design (65V), large-current (1.5A) Darlington driver.
 PNP input type (low active).
 On-chip spark killer diodes.
 On-chip input protection diodes.
 Capable of being driven directly from 5V operated CMOS, TTL.
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
7.0
V
VCC max
62
V
Output supply voltage
VO max
65
V
Input supply voltage
VIN max
VIN  GND
VDD-7.0 to VDD-10.0
V
Output current
IO max
1.5
A
Spark killer diode forward current
IFS
1.5
A
Allowable power dissipation
Pd max
Independent IC
1.9
W
Mounted on the recommended PCB
2.6
W
Operating temperature
Topr
-20 to +75
C
Storage temperature
Tstg
-55 to +150
C
Allowable Operating Conditions at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VDD
3.5 to 7.0
V
Input “ON” level voltage
VINon
VIN  GND, IO = 1.0A
VDD-7.0 to VDD-2.6
V
Input “OFF” level voltage
VINoff
IO  30A
VDD-0.3 to VDD+10.0
V
Monolithic Digital IC
High-Voltage, Large-Current
Darlington Driver
Ordering number : EN1831F
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
ORDERING INFORMATION
See detailed ordering and shipping information on page 4 of this data sheet.
DIP16F(300mil)


Numéro de pièce similaire - LB1205-L-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB1205-L-E ONSEMI-LB1205-L-E Datasheet
82Kb / 4P
   High-Voltage, Large-Current Darlington Driver
March, 2014
More results

Description similaire - LB1205-L-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205_08 Datasheet
78Kb / 3P
   High-Voltage, Large-Current Darlington Driver
LB1205M SANYO-LB1205M_08 Datasheet
75Kb / 3P
   High-Voltage, Large-Current Darlington Driver
logo
ON Semiconductor
LB1205M ONSEMI-LB1205M Datasheet
72Kb / 3P
   High-Voltage, Large-Current Darlington Driver
August, 2013
EN1831 ONSEMI-EN1831 Datasheet
82Kb / 4P
   High-Voltage, Large-Current Darlington Driver
March, 2014
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205 Datasheet
70Kb / 2P
   High-Voltage, High- Current Darlington Driver
LB1235 SANYO-LB1235 Datasheet
66Kb / 2P
   High-Voltage, High-Current Darlington Driver?
LB1730 SANYO-LB1730 Datasheet
60Kb / 2P
   High-Voltage, High-Current Darlington Driver
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
   4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
   9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
Toshiba Semiconductor
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com