Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845AD Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce UC2845AD
Description  CURRENT MODE PWM CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UC2845AD Fiches technique(HTML) 1 Page - Microsemi Corporation

  UC2845AD Datasheet HTML 1Page - Microsemi Corporation UC2845AD Datasheet HTML 2Page - Microsemi Corporation UC2845AD Datasheet HTML 3Page - Microsemi Corporation UC2845AD Datasheet HTML 4Page - Microsemi Corporation UC2845AD Datasheet HTML 5Page - Microsemi Corporation UC2845AD Datasheet HTML 6Page - Microsemi Corporation UC2845AD Datasheet HTML 7Page - Microsemi Corporation UC2845AD Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
KEY FEA TURES
s
s
s
s
s LOW START-UP CURRENT. (0.5mA max.)
s
s
s
s
s TRIMMED OSCILLATOR DISCHARGE
CURRENT.
(See Product Highlight)
p OPTIMIZED FOR OFF-LINE AND DC-TO-DC
CONVERTERS.
p AUTOMATIC FEED FORWARD
COMPENSATION.
p PULSE-BY-PULSE CURRENT LIMITING.
p ENHANCED LOAD RESPONSE
CHARACTERISTICS.
p UNDER-VOLTAGE LOCKOUT WITH
HYSTERESIS.
p DOUBLE PULSE SUPPRESSION.
p HIGH-CURRENT TOTEM POLE OUTPUT.
p INTERNALLY TRIMMED BANDGAP
REFERENCE.
p 500KHz OPERATION.
p LOW R
O ERROR AMPLIFIER.
The UC184xA family of control ICs
provides all the necessary features to
implement off-line fixed-frequency,
current-mode switching power supplies
with a minimum of external compo-
nents. The current mode architecture
demonstrates improved load regulation,
pulse-by-pulse current limiting and
inherent protection of the power supply
output switch. The IC includes: A
bandgap reference trimmed to ±1%
accuracy, an error amplifier, a current
sense comparator with internal clamp to
1V, a high current totem pole output
stage for fast switching of power
MOSFET's, and an externally program-
mable oscillator to set frequency and
maximum duty cycle. The under-
voltage lock-out is designed to operate
with 250µA typ. start-up current,
allowing an efficient bootstrap supply
voltage design. Available options for
this family of products, such as start-up
voltage hysteresis and duty cycle, are
summarized below in the Available
Options section. The UC184xA family
of control ICs is also available in 14-pin
SOIC package which makes the Power
Output Stage Collector and Ground pins
available.
APPLICA TIONS
s
s
s
s
s ECONOMICAL OFF-LINE FLYBACK OR
FORWARD CONVERTERS.
s DC-DC BUCK OR BOOST CONVERTERS.
s LOW COST DC MOTOR CONTROL.
A V AILABLE
O PTIONS
Part #
Start-Up Hysteresis Max. Duty
Voltage
Cycle
P ACKAGE ORDER INFORMA TION
T
A (°C)
Plastic DIP
8-pin
0 to 70
UC384xAM
UC384xADM
UC384xAD
-40 to 85
UC284xAM
UC284xADM
UC284xAD
UC284xAY
-55 to 125
UC184xAY
M
Plastic SOIC
8-pin
DM
Plastic SOIC
14-pin
D
Ceramic DIP
8-pin
Y
Note: All surface-mount packages are available in Tape & Reel. Append the letter "T" to part number. (i.e. UC3842ADMT)
UCx842A
16V
6V
<100%
UCx843A
8.4V
0.8V
<100%
UCx844A
16V
6V
<50%
UCx845A
8.4V
0.8V
<50%
PRODUCT HIGHLIGHT
COMPARISON OF UC384XA VS. SG384X DISCHARGE CURRENT
UC384xA
7.5
8.3
9.3
Mean
SG384x
Min. Limit
7.8
−3σ
8.8
+3σ
SG384x
Max. Limit
Discharge Current Distribution - mA
T
A=25°C
C URRENT M ODE PWM C ONTROLLER
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
Copyright © 1995
Rev. 1.2
12/95
FOR FUR THER INFORMA TION CALL (714) 898-8121
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841
UC184xA/284xA/384xA
LIN D OC #: 1840
1


Numéro de pièce similaire - UC2845AD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2845AD TI-UC2845AD Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
UC2845AD TI1-UC2845AD Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC2845AD TI1-UC2845AD Datasheet
1Mb / 45P
[Old version datasheet]   Current-Mode PWM Controller
logo
STMicroelectronics
UC2845AD1 STMICROELECTRONICS-UC2845AD1 Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2845AD1 STMICROELECTRONICS-UC2845AD1 Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2845AD

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com