Moteur de recherche de fiches techniques de composants électroniques |
|
SM5010DN1S Fiches technique(PDF) 11 Page - Nippon Precision Circuits Inc |
|
SM5010DN1S Fiches technique(HTML) 11 Page - Nippon Precision Circuits Inc |
11 / 14 page SM5010 series NIPPON PRECISION CIRCUITS—11 FUNCTIONAL DESCRIPTION Standby Function AH, AK, AN, BH, BK, BN, DN series When INH goes LOW, the output on Q becomes high impedance, but internally the oscillator does not stop. CL series When INH goes LOW, the oscillator stops and the oscillator output on Q becomes high impedance. Power-save Pull-up Resistance (CL series only) The INH pull-up resistance changes in response to the input level (HIGH or LOW). When INH goes LOW (standby state), the pull-up resistance becomes large to reduce the current consumption during standby. V ersion I N H Q Oscillator AH, AK, AN, BH, BK, BN, DN ser ies HIGH (or open) A n y fO , fO /2, fO /4 or fO /8 output frequency N o r mal operation L O W High impedance N o r mal operation CL series HIGH (or open) A n y fO , fO /2, fO /4 or fO /8 output frequency N o r mal operation L O W High impedance Stopped |
Numéro de pièce similaire - SM5010DN1S |
|
Description similaire - SM5010DN1S |