Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LBXS Fiches technique(PDF) 1 Page - GOOD-ARK Electronics

No de pièce LBXS
Description  Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LBXS Fiches technique(HTML) 1 Page - GOOD-ARK Electronics

  LBXS_15 Datasheet HTML 1Page - GOOD-ARK Electronics LBXS_15 Datasheet HTML 2Page - GOOD-ARK Electronics LBXS_15 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LB2S thru LB10S
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Reverse Voltage 200 and 1000V Forward Current 0.8A
Features
Low Profile: Typical height of 1.4mm
Ideal for automated placement
High surge current capability
Solder Dip 260℃,10seconds
Mechanical Data
Case:SOPA-4
Epoxy meets UL-94V-0 Flammability rating
py
y
g
Terminals:Matte tin plated ldads, solderable per
J-STD-002B and JESD22-B102D
Polarity:As markde on body
Maximum Ratings & Electrical Characteristics Ratings at 25℃
ambient temperature unless otherwise specified.
Parameter
Symbol
LB2S
LB4S
LB6S
LB8S
LB10S
Unit
Parameter
Symbol
LB2S
LB4S
LB6S
LB8S
LB10S
Unit
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum Average forward output rectified current
on glass-eposy P.C.B
on aluminum substrate
A
IF(AV)
0.8
1.0
on aluminum substrate
Peak forward surge current 8.3 ms single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusig (t<8.3ms)
I
2t
A
2sec
Maximum instantaneous forward voltage drop
per diode at 0.4A
Mi
DC
t t
TA 25℃
VF
A
30
3
0.95
5
V
IFSM
Maximum DC reverse current at
TA=25℃
rated DC blocking voltage per leg
TA=125℃
RθJA
RθJL
Operating junction temperature range
TJ
Storage temperature range
TSTG
Notes:
1. Device mounted P.C.B with 0.47x0.47''(12mmx12mm) Copper Pads.
Typical thermal resistance per leg (Note 1)
5
500
80
/W
25
-55 to +150
-55 to +150
µA
IR
2. JEDEC registered values
+
-
~
~


Numéro de pièce similaire - LBXS_15

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
LBXSA GOOD-ARK-LBXSA_15 Datasheet
172Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXSB GOOD-ARK-LBXSB_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
More results

Description similaire - LBXS_15

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
LBXSB GOOD-ARK-LBXSB_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXSA GOOD-ARK-LBXSA_15 Datasheet
172Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
logo
First Silicon Co., Ltd
GBP302 FS-GBP302 Datasheet
463Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 3.0A
logo
GOOD-ARK Electronics
LM02 GOOD-ARK-LM02_15 Datasheet
217Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.8A
logo
Shanghai Leiditech Elec...
LB2S LEIDITECH-LB2S Datasheet
719Kb / 2P
   Reverse Voltage 200 and 1000V Forward Current 0.8A
logo
Gulf Semiconductor
MD005 GULFSEMI-MD005 Datasheet
114Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:0.8A
logo
Formosa MS
MB05S FORMOSA-MB05S Datasheet
213Kb / 7P
   0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-50-1000V
MB2M FORMOSA-MB2M Datasheet
158Kb / 6P
   0.8A Glass Passivated Single-Phase Bridge Rectifiers-200-1000V
logo
Gulf Semiconductor
LLD005 GULFSEMI-LLD005 Datasheet
192Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.8A
logo
GOOD-ARK Electronics
E91207R GOOD-ARK-E91207R_15 Datasheet
259Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier Reverse Voltage 1000V Ountput Current 2.0A
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com