Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD10-I8-AH Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce BD10-I8-AH
Description  Brushless DC Drive for 300W 80mm 48V motor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

BD10-I8-AH Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  BD10-I8-AH Datasheet HTML 1Page - List of Unclassifed Manufacturers BD10-I8-AH Datasheet HTML 2Page - List of Unclassifed Manufacturers BD10-I8-AH Datasheet HTML 3Page - List of Unclassifed Manufacturers BD10-I8-AH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Number:
BD10-I8-AH
Part Number:
5000-260-004
Supply Voltage:
12-48 VDC
Supply Voltage Type:
DC
Control Modes:
Velocity Control
Output Current,
Continuous:
7.5
Output Current, Peak:
15
Feedback:
Halls
Setup Method:
Switch / potentiometer
Digital Inputs:
8
Digital Outputs:
2
Analog Inputs:
1 (0 to 5 Vdc, 12 bit)
Dimensions:
3.9 x 2.6 x 1.2 inches
Weight:
6.0 oz
Operating Temperature
Range:
0 to 100 °C
Ambient Temperature
Range:
0 to 40 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red, 1 green
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Specifications
Torque Curves


Numéro de pièce similaire - BD10-I8-AH

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BD10-I7-AH ETC2-BD10-I7-AH Datasheet
300Kb / 4P
   Brushless DC Drive for 200W 80mm 48V motor
More results

Description similaire - BD10-I8-AH

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BL300-H04-I ETC2-BL300-H04-I Datasheet
196Kb / 4P
   80mm Brushless DC Motor,300W, 48V
BD10-I7-AH ETC2-BD10-I7-AH Datasheet
300Kb / 4P
   Brushless DC Drive for 200W 80mm 48V motor
BL200-H04-I ETC2-BL200-H04-I Datasheet
317Kb / 4P
   80mm Brushless DC Motor, 200W, 48V
BD5-I6-AH ETC2-BD5-I6-AH Datasheet
301Kb / 4P
   Brushless DC Drive for 100W 80mm 24V motor
BD10-H5-AH ETC2-BD10-H5-AH Datasheet
303Kb / 4P
   Brushless DC Drive for 57mm 180W 48V motor
BL100-H03-I ETC2-BL100-H03-I Datasheet
205Kb / 4P
   80mm Brushless DC Motor, 100W, 24V
BL180-H04-H ETC2-BL180-H04-H Datasheet
199Kb / 4P
   57mm Brushless DC Motor, 180W, 48V
BD5-G2-AH ETC2-BD5-G2-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 60W motor
BD5-G1-AH ETC2-BD5-G1-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 30W 42mm motor
BD5-G3-AH ETC2-BD5-G3-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 90W motor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com