Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD8011 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce ESD8011
Description  ESD Protection Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8011 Fiches technique(HTML) 2 Page - ON Semiconductor

  ESD8011 Datasheet HTML 1Page - ON Semiconductor ESD8011 Datasheet HTML 2Page - ON Semiconductor ESD8011 Datasheet HTML 3Page - ON Semiconductor ESD8011 Datasheet HTML 4Page - ON Semiconductor ESD8011 Datasheet HTML 5Page - ON Semiconductor ESD8011 Datasheet HTML 6Page - ON Semiconductor ESD8011 Datasheet HTML 7Page - ON Semiconductor ESD8011 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ESD8011
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
VRWM
Working Peak Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
VHOLD
Holding Reverse Voltage
IHOLD
Holding Reverse Current
RDYN
Dynamic Resistance
IPP
Maximum Peak Pulse Current
VC
Clamping Voltage @ IPP
VC = VHOLD + (IPP * RDYN)
I
V
VCVRWMVHOLD
VBR
RDYN
VC
IR
IT
IHOLD
−IPP
RDYN
IPP
VC = VHOLD + (IPP * RDYN)
VRWM
VHOLD
IR
IT
IHOLD
VBR
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
I/O Pin to GND
5.5
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
6.5
7.3
V
Reverse Leakage Current
IR
VRWM = 5.5 V, I/O Pin to GND
1.0
mA
Reverse Holding Voltage
VHOLD
I/O Pin to GND
2.05
V
Holding Reverse Current
IHOLD
I/O Pin to GND
17
mA
Clamping Voltage
TLP (Note 2)
VC
IPP = 8 A
IEC61000−4−2 Level 2 Equivalent
(
±4 kV Contact, ±8 kV Air)
11.0
V
IPP = 16 A
IEC61000−4−2 Level 2 Equivalent
(
±8 kV Contact, ±16 kV Air)
19.0
Dynamic Resistance
RDYN
Pin1 to Pin2
Pin2 to Pin1
1.0
1.0
W
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz
0.10
0.20
pF
Series Inductance
LS
VR = 0 V
0.3
nH
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. For test procedure see Figure 5 and application note AND8307/D.
2. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.


Numéro de pièce similaire - ESD8011

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
May, 2016 ??Rev. 4
ESD8011MUT5G ONSEMI-ESD8011MUT5G Datasheet
270Kb / 8P
   ESD Protection Diodes
May, 2016 ??Rev. 4
ESD8011 ONSEMI-ESD8011_16 Datasheet
270Kb / 8P
   ESD Protection Diodes
May, 2016 ??Rev. 4
More results

Description similaire - ESD8011

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
   ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
   ESD PROTECTION DIODES
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4 Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
ESD8351P2 ONSEMI-ESD8351P2 Datasheet
282Kb / 8P
   ESD Protection Diodes
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com