Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD8006 Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce ESD8006
Description  ESD Protection Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8006 Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button ESD8006 Datasheet HTML 4Page - ON Semiconductor ESD8006 Datasheet HTML 5Page - ON Semiconductor ESD8006 Datasheet HTML 6Page - ON Semiconductor ESD8006 Datasheet HTML 7Page - ON Semiconductor ESD8006 Datasheet HTML 8Page - ON Semiconductor ESD8006 Datasheet HTML 9Page - ON Semiconductor ESD8006 Datasheet HTML 10Page - ON Semiconductor ESD8006 Datasheet HTML 11Page - ON Semiconductor ESD8006 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ESD8006
www.onsemi.com
11
Latch-Up Considerations
ON Semiconductor’s 8000 series of ESD protection
devices utilize a snap-back, SCR type structure. By using
this technology, the potential for a latch-up condition was
taken into account by performing load line analysis of
common high speed serial interfaces. Example load lines for
latch-up free applications and applications with the potential
for latch-up are shown below with a generic IV
characteristic of a snapback, SCR type structured device
overlaid on each. In the latch-up free load line case, the IV
characteristic of the snapback protection device intersects
the load-line in one unique point (VOP, IOP). This is the only
stable operating point of the circuit and the system is
therefore latch-up free. Please note that for USB 3.0
applications, ESD8006 latch-up free considerations are
explained in more detail in the above PCB layout guidelines.
In the non-latch up free load line case, the IV characteristic
of the snapback protection device intersects the load-line in
two points (VOPA, IOPA) and (VOPB, IOPB). Therefore in this
case, the potential for latch-up exists if the system settles at
(VOPB, IOPB) after a transient. Because of this, ESD8006
should not be used for HDMI applications – ESD8104 or
ESD8040 have been designed to be acceptable for HDMI
applications without latch-up. Please refer to Application
Note AND9116/D for a more in-depth explanation of
latch-up considerations using ESD8000 series devices.
Figure 20. Example Load Lines for Latch-up Free Applications and Applications with the Potential for Latch-up
I
V
VDD
ISSMAX
IOP
VOP
I
V
VDD
ISSMAX
IOPA
VOPA
IOPB
VOPB
ESD8006 Latch−up free:
USB 2.0 LS/FS, USB 2.0 HS, USB 3.0/3.1 SS,
DisplayPort
ESD8006 Potential Latch−up:
HDMI 2.0/1.4/1.3a TMDS
Table 1. SUMMARY OF SCR REQUIREMENTS FOR LATCH-UP FREE APPLICATIONS
Application
VBR (min)
(V)
IH (min)
(mA)
VH (min)
(V)
ON Semiconductor ESD8000 Series
Recommended PN
HDMI 2.0/1.4/1.3a TMDS
3.465
54.78
1.0
ESD8104, ESD8040
USB 2.0 LS/FS
3.301
1.76
1.0
ESD8004
USB 2.0 HS
0.482
N/A
1.0
ESD8004
USB 3.0/3.1 SS
2.800
N/A
1.0
ESD8004, ESD8006
DisplayPort
3.600
25.00
1.0
ESD8004, ESD8006


Numéro de pièce similaire - ESD8006

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ESD8004 ONSEMI-ESD8004 Datasheet
537Kb / 11P
   ESD Protection Diode
February, 2015 ??Rev. 5
ESD8004MUTAG ONSEMI-ESD8004MUTAG Datasheet
537Kb / 11P
   ESD Protection Diode
February, 2015 ??Rev. 5
ESD8008 ONSEMI-ESD8008 Datasheet
198Kb / 9P
   ESD Protection Diode
February, 2015 ??Rev. 4
ESD8008MUTAG ONSEMI-ESD8008MUTAG Datasheet
198Kb / 9P
   ESD Protection Diode
February, 2015 ??Rev. 4
More results

Description similaire - ESD8006

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com