Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD7383 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce ESD7383
Description  USB-OTG 3-Line Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7383 Fiches technique(HTML) 3 Page - ON Semiconductor

  ESD7383 Datasheet HTML 1Page - ON Semiconductor ESD7383 Datasheet HTML 2Page - ON Semiconductor ESD7383 Datasheet HTML 3Page - ON Semiconductor ESD7383 Datasheet HTML 4Page - ON Semiconductor ESD7383 Datasheet HTML 5Page - ON Semiconductor ESD7383 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ESD7383
http://onsemi.com
3
IEC61000−4−2 Spec.
Level
Test
Voltage
(kV)
First Peak
Current
(A)
Current at
30 ns (A)
Current at
60 ns (A)
1
2
7.5
4
2
2
4
15
8
4
3
6
22.5
12
6
4
8
30
16
8
Ipeak
90%
10%
IEC61000−4−2 Waveform
100%
I @ 30 ns
I @ 60 ns
tP = 0.7 ns to 1 ns
Figure 3. IEC61000−4−2 Spec
Figure 4. Diagram of ESD Clamping Voltage Test Setup
50 W
50 W
Cable
TVS
Oscilloscope
ESD Gun
The following is taken from Application Note
AND8308/D − Interpretation of Datasheet Parameters
for ESD Devices.
ESD Voltage Clamping
For sensitive circuit elements it is important to limit the
voltage that an IC will be exposed to during an ESD event
to as low a voltage as possible. The ESD clamping voltage
is the voltage drop across the ESD protection diode during
an ESD event per the IEC61000−4−2 waveform. Since the
IEC61000−4−2 was written as a pass/fail spec for larger
systems such as cell phones or laptop computers it is not
clearly defined in the spec how to specify a clamping voltage
at the device level. ON Semiconductor has developed a way
to examine the entire voltage waveform across the ESD
protection diode over the time domain of an ESD pulse in the
form of an oscilloscope screenshot, which can be found on
the datasheets for all ESD protection diodes. For more
information on how ON Semiconductor creates these
screenshots and how to interpret them please refer to
AND8307/D.
Figure 5. 8 x 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms


Numéro de pièce similaire - ESD7383

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ESD7381 ONSEMI-ESD7381 Datasheet
98Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
ESD7381MUT5G ONSEMI-ESD7381MUT5G Datasheet
140Kb / 5P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
July, 2012 ??Rev. 2
ESD7381MUT5G ONSEMI-ESD7381MUT5G Datasheet
98Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
ESD7382 ONSEMI-ESD7382 Datasheet
108Kb / 6P
   ESD Protection Diodes
January, 2017 ??Rev. 2
ESD7382MUT5G ONSEMI-ESD7382MUT5G Datasheet
108Kb / 6P
   ESD Protection Diodes
January, 2017 ??Rev. 2
More results

Description similaire - ESD7383

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PUSBM5V5X4-TL NXP-PUSBM5V5X4-TL Datasheet
531Kb / 10P
   High-speed USB OTG ESD protection diode arrays
Rev. 3-14 June 2012
PUSBMXX4-TL PHILIPS-PUSBMXX4-TL_15 Datasheet
531Kb / 10P
   High-speed USB OTG ESD protection diode arrays
Rev. 3-14 June 2012
PUSBM12VX4-TL PHILIPS-PUSBM12VX4-TL Datasheet
531Kb / 10P
   High-speed USB OTG ESD protection diode arrays
Rev. 3-14 June 2012
logo
Nexperia B.V. All right...
PUSBMXX4-TL NEXPERIA-PUSBMXX4-TL Datasheet
785Kb / 11P
   High-speed USB OTG ESD protection diode arrays
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555 MICREL-MIC2555_06 Datasheet
277Kb / 29P
   USB ??OTG Transceiver
logo
STMicroelectronics
USBULC6-3F3K STMICROELECTRONICS-USBULC6-3F3K Datasheet
262Kb / 10P
   3-line low capacitance protection for high speed USB
March 2014 Rev 1
logo
Vishay Siliconix
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
163Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
Rev. 1.3, 23-May-11
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF_V01 Datasheet
120Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
01-Jan-2022
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF_V01 Datasheet
176Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com