Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD5004MXTBG Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce ESD5004MXTBG
Description  ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD5004MXTBG Fiches technique(HTML) 1 Page - ON Semiconductor

  ESD5004MXTBG Datasheet HTML 1Page - ON Semiconductor ESD5004MXTBG Datasheet HTML 2Page - ON Semiconductor ESD5004MXTBG Datasheet HTML 3Page - ON Semiconductor ESD5004MXTBG Datasheet HTML 4Page - ON Semiconductor ESD5004MXTBG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 2
1
Publication Order Number:
ESD5004/D
ESD5004
ESD Protection Diode
Low Capacitance ESD Protection Diode
The ESD5004 is designed for applications requiring ESD
protection. It is intended to be used in sensitive equipment such as
smartphone, wireless headsets, digital cameras, computers, printers,
communication systems, and other applications. The integrated design
provides very effective and reliable protection for four separate lines
using only one package. This device is ideal for situations where board
space is at a premium.
Features
Low Capacitance (5 pF Max, I/O to GND)
Four Separate Bi−directional Configurations for Protection
Protection for the Following IEC Standards:
IEC 61000−4−2 (Level 4)
Low ESD Clamping Voltage
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Smartphone and Portable Electronics
Notebooks, Desktops, Servers
Microprocessor Based Equipment
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
− 55 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
IEC 61000−4−2 Contact (ESD)
IEC 61000−4−2 Air (ESD)
ESD
ESD
±10
±15
kV
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
See Application Note AND8308/D for further description of
survivability specs.
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
X3DFN4
CASE 714AA
PIN CONFIGURATION
AND SCHEMATIC
www.onsemi.com
ESD5004MXTBG
X3DFN4
(Pb−Free)
8000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
(Bottom View)
2
1
3
4
5
5
12
3
4
4
= Specific Device Code
M
= Date Code
4M


Numéro de pièce similaire - ESD5004MXTBG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ESD5004MXTBG ONSEMI-ESD5004MXTBG Datasheet
95Kb / 5P
   ESD Protection Diode
April, 2017 ??Rev. 3
More results

Description similaire - ESD5004MXTBG

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com