Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1P3L Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SS1P3L
Description  Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1P3L Fiches technique(HTML) 3 Page - Vishay Siliconix

  SS1P3L_15 Datasheet HTML 1Page - Vishay Siliconix SS1P3L_15 Datasheet HTML 2Page - Vishay Siliconix SS1P3L_15 Datasheet HTML 3Page - Vishay Siliconix SS1P3L_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS1P3L, SS1P4L
www.vishay.com
Vishay General Semiconductor
Revision: 13-Apr-15
3
Document Number: 88915
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.1
0.3
0.5
0.7
0.9
1.1 1.2
Instantaneous Forward Voltage (V)
0.1
10
1
100
0.2
0.4
0.6
0.8
1.0
SS1P3L
SS1P4L
T
J = 150 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
20
40
60
80
100
1
10
100
1000
10
30
50
70
90
10 000
T
J = 150 °C
T
J = 25 °C
SS1P3L
SS1P4L
Reverse Voltage (V)
0.1
1
10
100
1
100
1000
SS1P3L
SS1P4L
0.01
10
1
100
1
10
100
0.1
1000
SS1P3L
SS1P4L
t - Pulse Duration (s)
DO-220AA (SMP)
Cathode Band
0.086 (2.18)
0.074 (1.88)
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.013 (0.35)
0.004 (0.10)
0.012 (0.30)
0.000 (0.00)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.032 (0.80)
0.016 (0.40)
0.103 (2.60)
0.087 (2.20)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF.
0.100
(2.54)
0.105
(2.67)
0.025
(0.635)
0.030
(0.762)
0.050
(1.27)


Numéro de pièce similaire - SS1P3L_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SS1P3L VISHAY-SS1P3L_15 Datasheet
91Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 13-Apr-15
More results

Description similaire - SS1P3L_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SS1P3L-M3 VISHAY-SS1P3L-M3 Datasheet
90Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L-M3-84A VISHAY-SS2P2L-M3-84A Datasheet
86Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L VISHAY-SS2P2L_V01 Datasheet
101Kb / 5P
   Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS2P2L VISHAY-SS2P2L_11 Datasheet
84Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L VISHAY-SS2P2L Datasheet
91Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 16-May-07
SS1P3L VISHAY-SS1P3L_V01 Datasheet
138Kb / 5P
   Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS2P3L-M3 VISHAY-SS2P3L-M3 Datasheet
84Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS1P3L VISHAY-SS1P3L_11 Datasheet
89Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS3P5L VISHAY-SS3P5L_V01 Datasheet
108Kb / 5P
   Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS3P5L VISHAY-SS3P5L_11 Datasheet
97Kb / 5P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L VISHAY-SS2P2L_15 Datasheet
79Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 13-Apr-15
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com