Moteur de recherche de fiches techniques de composants électroniques |
|
SM5022A2H Fiches technique(PDF) 3 Page - Nippon Precision Circuits Inc |
|
SM5022A2H Fiches technique(HTML) 3 Page - Nippon Precision Circuits Inc |
3 / 10 page SM5022 series NIPPON PRECISION CIRCUITS—3 PAD LAYOUT (Unit : µm) PINOUT (Top View) PIN DESCRIPTION and PAD DIMENSIONS BLOCK DIAGRAM Chip size: 1.00 × 0.80 mm Chip thickness: 220 ± 30 µm Chip base: V DD level Q VDD XT VSS (0,0) (1000,800) INH XT 1 XT VSS Q VDD 2 3 6 5 4 XT INH Number Name I/O Description P ad dimensions [µm] XY 1 INH I Output state control input. High impedance when LOW . Pull-up resistor built in 8 3 4 2 1 7 2 X T I Amplifier input. Cr ystal oscillator connection pins. Cr ystal oscillator connected between XT and X T 637 217 3 V S S – Ground 165 165 4 Q O Output. Output frequency (fO, fO /2, fO /4, fO /8) determined by internal connection 1 6 2 6 3 7 5 V D D – Supply voltage 859 450 6X T O Amplifier output. Cr ystal oscillator connection pins. Cr ystal oscillator connected between XT and X T 804 604 XT VSS VDD Q CG CD Rf XT INH 1/2 1/2 1/2 (INH : Low active) |
Numéro de pièce similaire - SM5022A2H |
|
Description similaire - SM5022A2H |