Moteur de recherche de fiches techniques de composants électroniques |
|
SM5009AN5S Fiches technique(PDF) 3 Page - Nippon Precision Circuits Inc |
|
SM5009AN5S Fiches technique(HTML) 3 Page - Nippon Precision Circuits Inc |
3 / 18 page SM5009 series NIPPON PRECISION CIRCUITS—3 PAD LAYOUT (Unit: µm) PINOUT (Top view) PIN DESCRIPTION and PAD DIMENSIONS BLOCK DIAGRAM Chip size: 0.92 × 1.22 mm Chip thickness: 300 ± 30 µm Chip base: V DD level Q VDD XT VSS (0,0) (920,1220) X Y INH XT 1 XT VSS Q VDD 4 2 3 NC NC 8 7 6 5 XT INH Number Name I/O Description P ad dimensions [µm] XY 1I N H I Output state control input. High impedance when LOW . In the case of the SM5009AL ×S, the oscillator stops and Pow er-saving pull-up resistor built in. 195 212 2 X T I Amplifier input. Cr ystal oscillator connection pins. Cr ystal oscillator connected between XT and X T 385 212 3X T O Amplifier output. 5 7 5 2 1 2 4 V S S – G round 766 212 5Q O Output. Output frequency (fO, fO /2, fO /4, fO /8, fO /16, fO /32) determined by internal connection 765 1062 6 N C – No connection – – 7 N C – No connection – – 8 V D D – Supply voltage 1 6 2 1062 XT VSS VDD Q CG CD Rf XT INH 1/2 1/2 1/2 1/2 1/2 |
Numéro de pièce similaire - SM5009AN5S |
|
Description similaire - SM5009AN5S |