Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M37274MA Fiches technique(PDF) 6 Page - Mitsubishi Electric Semiconductor

No de pièce M37274MA
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37274MA Fiches technique(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M37274MA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 131 page
background image
6
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274MA-XXXSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
VCC,
AVCC,
VSS
CNVSS
_____
RESET
XIN
XOUT
P00/PWM4–
P02/PWM6,
P03/DA,
P04/PWM0–
P07/PWM3
P10/OUT2,
P11/SCL1,
P12/SCL2,
P13/SDA1,
P14/SDA2,
P15,
P16/INT3,
P17/SIN
P20–P23
P24/AD3–
P26/AD1,
P27/AD5
P30, P31
P40/AD4,
P41/INT2,
P42/TIM2,
P43/TIM3,
P44/INT1,
P45/SOUT,
P46/SCLK
P52/R,P53/G,
P54/B,
P55/OUT1
Power source
CNVSS
Reset input
Clock input
Clock output
I/O port P0
8-bit PWM output
I/O port P1
OSD output
Multi-master
I2C-BUS interface
Serial I/O data
input
I/O port P2
Analog input
I/O port P3
Input port P4
Analog input
External interrupt
input
External clock input
Serial I/O data
output
Serial I/O
synchronous clock
input/output
Output port P5
OSD output
Input
Input
Output
I/O
Output
I/O
Output
Output
Input
I/O
Input
I/O
Input
Input
Input
Input
Output
I/O
Output
Output
Apply voltage of 5 V
± 10 % (typical) to VCC and AVCC, and 0 V to VSS.
Connected to VSS.
To enter the reset state, the reset input pin must be kept at a “L” for 2
µs or more (under
normal VCC conditions).
If more time is needed for the quartz-crystal oscillator to stabilize, this “L” condition should
be maintained for the required time.
This chip has an internal clock generating circuit. To control generating frequency, an
external ceramic resonator or a quartz-crystal oscillator is connected between pins XIN and
XOUT. If an external clock is used, the clock source should be connected to the XIN pin and
the XOUT pin should be left open.
Port P0 is an 8-bit I/O port with direction register allowing each I/O bit to be individually
programmed as input or output. At reset, this port is set to input mode. The output structure
of P03 is CMOS output, that of P00–P02 and P04–P07 are N-channel open-drain output.
See notes at end of Table for full details of port P0 functions.
Pin P03 is also used as 14-bit PWM output pin DA. The output structure is CMOS output.
Pins P00–P02 and P04–P07 are also used as PWM output pins PWM4–PWM6 and PWM0–
PWM3 respectively. The output structure is N-channel open-drain output.
Port P1 is an 8-bit I/O port and has basically the same functions as port P0. The output
structure of P10 and P15–P17 is CMOS output, that of P11–P14 is N-channel open-drain
output.
Pin P10 is also used as OSD output pin OUT2. The output structure is CMOS output.
Pin P11 is used as SCL1, SCL2, SDA1 and SDA2 respectively, when multi-master I2C-
BUS interface is used. The output structure is N-channel open-drain output.
Pin P17 is also used as serial I/O data input pin SIN.
Port P2 is an 8-bit I/O port and has basically the same functions as port P0. The output
structure is CMOS output.
Pins P24–P26, P27 are also used as analog input pins AD3–AD1, AD5 respectively.
Ports P30 and P31 are 2-bit I/O ports and have basically the same functions as port P0.
The output structure is CMOS output.
Ports P40–P46 are a 7-bit input port.
Pin P40 is also used as analog input pin AD4.
Pins P41, P44 are also used as external interrupt input pins INT2, INT1.
Pins P42 and P43 are also used as external clock input pins TIM2, TIM3 respectively.
Pin P45 is used as serial I/O data output pin SOUT. The output structure is N-channel open-
drain output.
Pin P46 is used as serial I/O synchronous clock input/output pin SCLK. The output structure
is N-channel open-drain output.
Ports P52–P55 are 4-bit output ports. The output structure is CMOS output.
Pins P52–P55 are also used as OSD output pins R, G, B, OUT1 respectively.
PIN DESCRIPTION
Pin
Name
Functions
Input/
Output
DA output
External interrupt
input
Output
Input
Pin P16 is also used as external interrupt input pin INT3.


Numéro de pièce similaire - M37274MA

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M37274MA RENESAS-M37274MA Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37274MA-XXXSP RENESAS-M37274MA-XXXSP Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Description similaire - M37274MA

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com