Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC898201RA-NH Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce LC898201RA-NH
Description  Iris/Zoom/Focus/ Day-Night switching Drive Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898201RA-NH Fiches technique(HTML) 2 Page - ON Semiconductor

  LC898201RA-NH Datasheet HTML 1Page - ON Semiconductor LC898201RA-NH Datasheet HTML 2Page - ON Semiconductor LC898201RA-NH Datasheet HTML 3Page - ON Semiconductor LC898201RA-NH Datasheet HTML 4Page - ON Semiconductor LC898201RA-NH Datasheet HTML 5Page - ON Semiconductor LC898201RA-NH Datasheet HTML 6Page - ON Semiconductor LC898201RA-NH Datasheet HTML 7Page - ON Semiconductor LC898201RA-NH Datasheet HTML 8Page - ON Semiconductor LC898201RA-NH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LC898201
No.A2319-2/16
PWM pulse generator
- PWM Pulse generator for feedback control (Up to 12bit accuracy)
- PWM pulse generator for stepper motor control (Up to 1024 micro steps)
- PWM pulse generator for general-purpose H-Bridge (128 voltage levels)
Motor Driver
- ch1 to ch6 : Io max=200mA
- ch7 : Io max=300mA
- Built-in thermal protection circuit
- Built-in low-voltage malfunction prevention circuit
OSC (Type. 48MHz)
Package
- LC898201TA-NH : TQFP64(7
7) 0.4mm pitch
- LC898201RA-NH : FBGA64(6.0
6.0) 0.5mm pitch
- Lead-free, Halogen-free
Power supply voltage
- Logic unit : 2.7V to 3.6V (IO, Internal core)
- Driver unit : 2.7V to 5.5V (Motor drive)
Package Dimensions
unit : mm
[ LC898201TA-NH ]
TQFP64 7x7 / TQFP64
CASE 932BC
ISSUE O


Numéro de pièce similaire - LC898201RA-NH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC898212XA SANYO-LC898212XA Datasheet
55Kb / 5P
   AF Control LSI
logo
ON Semiconductor
LC898212XA ONSEMI-LC898212XA Datasheet
58Kb / 5P
   AF Control LSI
June, 2013
LC898212XC ONSEMI-LC898212XC Datasheet
129Kb / 4P
   AF Controller
November, 2013
LC898212XC-MH ONSEMI-LC898212XC-MH Datasheet
129Kb / 4P
   AF Controller
November, 2013
LC898212XD ONSEMI-LC898212XD Datasheet
168Kb / 4P
   AF Controller
November, 2013
More results

Description similaire - LC898201RA-NH

FabricantNo de pièceFiches techniqueDescription
logo
Level One
FCS-5044 LVL1-FCS-5044 Datasheet
152Kb / 4P
   PTZ Network Camera, 2-Megapixel, 10x Optical Zoom, 802.3at PoE, Day & Night, WDR, Outdoor
CAS-1101 LVL1-CAS-1101 Datasheet
167Kb / 2P
   5~50mm Vari-Focal Day/Night Lens
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
   Auto Focus/Auto Iris Infrared LED Camera
logo
Moxa Inc.
06EC-2V MOXA-06EC-2V Datasheet
658Kb / 6P
   EN 50155, 1080p resolution, day & night outdoor IP cameras
logo
List of Unclassifed Man...
AXISP33 ETC2-AXISP33 Datasheet
750Kb / 4P
   Fixed domes for any environment with remote focus and zoom.
logo
Level One
WCS-6020 LVL1-WCS-6020 Datasheet
491Kb / 6P
   2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
WCS-6050 LVL1-WCS-6050 Datasheet
513Kb / 6P
   5-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
logo
ON Semiconductor
LC898219XI ONSEMI-LC898219XI Datasheet
269Kb / 9P
   Auto Focus (AF) Controller
August 2017 - Rev. P0
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com