Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC786961W Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce LC786961W
Description  Compact Disc Player IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786961W Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button LC786961W Datasheet HTML 7Page - ON Semiconductor LC786961W Datasheet HTML 8Page - ON Semiconductor LC786961W Datasheet HTML 9Page - ON Semiconductor LC786961W Datasheet HTML 10Page - ON Semiconductor LC786961W Datasheet HTML 11Page - ON Semiconductor LC786961W Datasheet HTML 12Page - ON Semiconductor LC786961W Datasheet HTML 13Page - ON Semiconductor LC786961W Datasheet HTML 14Page - ON Semiconductor LC786961W Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LC786961W
No.A2081-11/29
Continued from the previous page.
Pin
No.
Pin name
I/O
State when
"Reset"
Function
90
SIFDO
I/O
Input
Host-I/F
Data output for serial communication 1 (CMOS or 3-State output)
91
SIFCE
I/O
Input
Host -I/F
Enable signal input for serial communication 1 ("H"-active)
92
BUSYB
I/O
Input (L)
Host -I/F
System busy signal output ("L"-active)
93
GP03
I/O
Input (L)
General purpose I/O port with pull down resistor
USB device detection flag output
94
GP04
I/O
Input (L)
General purpose I/O port with pull down resistor
IIC (master) clock output
95
GP05
I/O
Input (L)
General purpose I/O port with pull down resistor
IIC (master) data input/output
96
GP06
I/O
Input (L)
General purpose I/O port with pull down resistor
97
GP07
I/O
Input (L)
General purpose I/O port with pull down resistor
98
XVDD1
-
-
Oscillator power supply
99
XIN
I
Oscillation
12MHz oscillator connection
100
XOUT
O
Oscillation
12MHz oscillator connection
101
XVSS1
-
-
Oscillator ground. This pin must be connected to the 0V level.
102
UDM
I/O
-
USB data input/output D- signal connection
103
UDP
I/O
-
USB data input/output D+ signal connection
104
UVDD
-
-
USB power supply
105
VVDD2
-
-
System PLL power supply
106
VVSS2
-
-
System PLL ground. This pin must be connected to the 0V level.
107
AFILT
AO
Undefined
Audio PLL charge pump output
108
VVDD3
-
-
Audio PLL power supply
109
MODE2
I
Input
LSI mode set pin 2 This pin must be connected to the 0V level.
110
JTRSTB
I
Input
JTAG reset input
(Connect to pll-down resister or 0V level in normal mode.)
111
JTCK
I
Input
JTAG clock input
(Connect to pll-down resister or 0V level in normal mode.)
112
JTDI
I
Input
JTAG data input
(Connect to pll-down resister or 0V level in normal mode.)
113
JTMS
I
Input
JTAG mode input
(Connect to pll-up resister or DVDD level in normal mode.)
114
JTDO
O
Low
JTAG data output (Leave open in normal mode.)
115
JTRTCK
O
Low
JTAG return clock output (Leave open in normal mode.)
116
GP20
I/O
Input (L)
General purpose I/O port with pull down resistor
Data 1 input/output for SD memory card
117
GP21
I/O
Input (L)
General purpose I/O port with pull down resistor
Data 0 input/output for SD memory card
118
GP22
I/O
Input (L)
General purpose I/O port with pull down resistor
Clock output for SD memory card
119
GP23
I/O
Input (L)
General purpose I/O port with pull down resistor
Command input/output for SD memory card
120
GP24
I/O
Input (L)
General purpose I/O port with pull down resistor
Data 3 input/output for SD memory card
121
GP25
I/O
Input (L)
General purpose I/O port with pull down resistor
Data 2 input/output for SD memory card
122
DVDD
-
-
Digital system power supply
123
DVSS
-
-
Digital system ground. This pin must be connected to the 0V level.
124
DVDD15
AO
High
Capacitor connection pin for internal regulator
125
GP14
I/O
Input (L)
General purpose I/O port with pull down resistor
126
GP15
I/O
Input (L)
General purpose I/O port with pull down resistor
127
GP16
I/O
Input (L)
General purpose I/O port with pull down resistor
128
GP17
I/O
Input (L)
General purpose I/O port with pull down resistor
129
GP60
I/O
Input (L)
General purpose I/O port with pull down resistor
130
GP61
I/O
Input (L)
General purpose I/O port with pull down resistor
Continued to the next page.


Numéro de pièce similaire - LC786961W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
More results

Description similaire - LC786961W

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com