Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA5797MC Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce LA5797MC
Description  Charge Pump Step-up Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA5797MC Fiches technique(HTML) 1 Page - ON Semiconductor

  LA5797MC Datasheet HTML 1Page - ON Semiconductor LA5797MC Datasheet HTML 2Page - ON Semiconductor LA5797MC Datasheet HTML 3Page - ON Semiconductor LA5797MC Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
62012 SY 20120207-S00003 No.A2086-1/4
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
LA5797MC
Overview
The LA5797MC is a charge pump step-up power supply for Variable capacitance diodes.
Features
• By using charge pump, no coils are necessary.
• Time-base generator (140kHz) incorporated.
• Thermal shutdown circuit incorporated.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN max
30
V
Allowable power dissipation
Pd max
Mounted on the specified board. *
0.75
W
Operating temperature
Topr
-25 to +90
°C
Storage temperature
Tstg
-40 to +150
°C
Junction temperature
Tjmax
150
°C
* Specified board: 114.3mm
× 76.1mm × 1.6mm, glass epoxy board.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage range
VIN
7.5 to 28
V
Monolithic Linear IC
Charge Pump Step-up Power Supply
for Variable Capacitance Diodes
Ordering number : ENA2086
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Numéro de pièce similaire - LA5797MC

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA5797MC SANYO-LA5797MC Datasheet
221Kb / 4P
   For Variable Capacitance Diodes Charge Pump Step-up Power Supply
More results

Description similaire - LA5797MC

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA5797MC SANYO-LA5797MC Datasheet
221Kb / 4P
   For Variable Capacitance Diodes Charge Pump Step-up Power Supply
logo
Torex Semiconductor
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
   Step-Up Charge Pump ICs
logo
Sanyo Semicon Device
LV56081GP SANYO-LV56081GP Datasheet
101Kb / 7P
   Charge Pump Power Supply
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A_10 Datasheet
1Mb / 16P
   White LED Step-up Charge Pump Converter
logo
Torex Semiconductor
XC9801 TOREX-XC9801_2 Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
logo
Sanyo Semicon Device
LA5797M SANYO-LA5797M Datasheet
60Kb / 4P
   Monolithic Linear IC For Variable Capacitance Diodes Charge Pump Step-up Power Supply
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A Datasheet
1Mb / 16P
   White LED Step-up Charge Pump Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com