Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSAFR30N20A Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce MSAFR30N20A
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSAFR30N20A Fiches technique(HTML) 1 Page - Microsemi Corporation

  MSAFR30N20A Datasheet HTML 1Page - Microsemi Corporation MSAFR30N20A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSAER30N20A
MSAFR30N20A
200 Volts
30 Amps
85 m
Features
• Ultrafast rectifier in parallel with the body diode (MSAE type only)
• Rugged polysilicon gate cell structure
• Increased Unclamped Inductive Switching (UIS) capability
• Hermetically sealed, surface mount power package
• Low package inductance
Very low thermal resistance
Reverse polarity available upon request
DESCRIPTION
SYMBOL
MAX.
UNIT
Drain-to-Source Breakdown Voltage (Gate Shorted to Source)
@ TJ
≥ 25°C
BVDSS
200
Volts
Drain-to-Gate Breakdown Voltage @ TJ
≥ 25°C, RGS= 1 MΩ
BVDGR
200
Volts
Continuous Gate-to-Source Voltage
VGS
+/-20
Volts
Transient Gate-to-Source Voltage
VGSM
+/-30
Volts
Continuous Drain Current
Tj= 25
°C
Tj=
100
°C
ID25
ID100
30
19
Amps
Peak Drain Current, pulse width limited by TJmax
IDM
120
Amps
Repetitive Avalanche Current
IAR
30
Amps
Repetitive Avalanche Energy
EAR
15
mJ
Single Pulse Avalanche Energy
EAS
200
mJ
Voltage Rate of Change of the Recovery Diode
@ IS
≤ IDM, di/dt ≤ 100 A/µs, VDD ≤ VDSS, TJ ≤ 150°C
dv/dt
5.0
V/ns
Power Dissipation
PD
300
Watts
Junction Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Continuous Source Current (Body Diode)
IS
30
Amps
Pulse Source Current (Body Diode)
ISM
120
Amps
Thermal Resistance, Junction to Case
θ
JC
0.4
°C/W
Maximum Ratings @ 25
°°C (unless otherwise specified)
Mechanical Outline
Datasheet# MSC0256B
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
N-CHANNEL
ENHANCEMENT MODE
POWER MOSFET
DRAIN
SOURCE
GATE


Numéro de pièce similaire - MSAFR30N20A

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
MSAFR12N50A MICROSEMI-MSAFR12N50A Datasheet
48Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Description similaire - MSAFR30N20A

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com