Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS163AN Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce SN74LS163AN
Description  BCD Decade Counters 4?묪it Binary Counters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS163AN Fiches technique(HTML) 3 Page - ON Semiconductor

  SN74LS163AN Datasheet HTML 1Page - ON Semiconductor SN74LS163AN Datasheet HTML 2Page - ON Semiconductor SN74LS163AN Datasheet HTML 3Page - ON Semiconductor SN74LS163AN Datasheet HTML 4Page - ON Semiconductor SN74LS163AN Datasheet HTML 5Page - ON Semiconductor SN74LS163AN Datasheet HTML 6Page - ON Semiconductor SN74LS163AN Datasheet HTML 7Page - ON Semiconductor SN74LS163AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74LS161A, SN74LS163A
http://onsemi.com
3
LS161A • LS163A
0123
4
5
6
7
8
9
10
11
12
13
14
15
Count Enable = CEP • CET • PE
TC for LS161A & LS163A = CET • Q0 • Q1 • Q2 • Q3
Preset = PE • CP + (rising clock edge)
Reset = MR (LS161A)
Reset = SR • CP + (rising clock edge)
Reset = (LS163A)
STATE DIAGRAM
LOGIC EQUATIONS
FUNCTIONAL DESCRIPTION
The LS161A/163A are 4-bit synchronous counters with
a synchronous Parallel Enable (Load) feature. The counters
consist of four edge-triggered D flip-flops with the
appropriate data routing networks feeding the D inputs. All
changes of the Q outputs (except due to the asynchronous
Master Reset in the LS161A) occur as a result of, and
synchronous with, the LOW to HIGH transition of the Clock
input (CP). As long as the set-up time requirements are met,
there are no special timing or activity constraints on any of
the mode control or data inputs.
Three control inputs — Parallel Enable (PE), Count
Enable Parallel (CEP) and Count Enable Trickle (CET) —
select the mode of operation as shown in the tables below.
The Count Mode is enabled when the CEP, CET, and PE
inputs are HIGH. When the PE is LOW, the counters will
synchronously load the data from the parallel inputs into the
flip-flops on the LOW to HIGH transition of the clock.
Either the CEP or CET can be used to inhibit the count
sequence. With the PE held HIGH, a LOW on either the CEP
or CET inputs at least one set-up time prior to the LOW to
HIGH clock transition will cause the existing output states
to be retained. The AND feature of the two Count Enable
inputs (CET•CEP) allows synchronous cascading without
external gating and without delay accumulation over any
practical number of bits or digits.
The Terminal Count (TC) output is HIGH when the Count
Enable Trickle (CET) input is HIGH while the counter is in
its maximum count state (HLLH for the BCD counters,
HHHH for the Binary counters). Note that TC is fully
decoded and will, therefore, be HIGH only for one count
state.
The LS161A and LS163A count modulo 16 following a
binary sequence. They generate a TC when the CET input is
HIGH while the counter is in state 15 (HHHH). From this
state they increment to state 0 (LLLL).
The Master Reset (MR) of the LS161A is asynchronous.
When the MR is LOW, it overrides all other input conditions
and sets the outputs LOW. The MR pin should never be left
open. If not used, the MR pin should be tied through a
resistor to VCC, or to a gate output which is permanently set
to a HIGH logic level.
The active LOW Synchronous Reset (SR) input of the
LS163A acts as an edge-triggered control input, overriding
CET, CEP and PE, and resetting the four counter flip-flops
on the LOW to HIGH transition of the clock. This simplifies
the design from race-free logic controlled reset circuits, e.g.,
to reset the counter synchronously after reaching a
predetermined value.
MODE SELECT TABLE
*SR
PE
CET
CEP
Action on the Rising Clock Edge (
)
L
X
X
X
RESET (Clear)
H
L
X
X
LOAD (Pn → Qn)
H
H
H
H
COUNT (Increment)
H
H
L
X
NO CHANGE (Hold)
H
H
X
L
NO CHANGE (Hold)
*For the LS163A only.
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care


Numéro de pièce similaire - SN74LS163AN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LS163AN TI-SN74LS163AN Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN74LS163AN3 TI-SN74LS163AN3 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN74LS163AN3 TI-SN74LS163AN3 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN74LS163ANE4 TI-SN74LS163ANE4 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN74LS163ANSR TI-SN74LS163ANSR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
More results

Description similaire - SN74LS163AN

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
CD54HC160F TI-CD54HC160F Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
Fairchild Semiconductor
DM7490A FAIRCHILD-DM7490A Datasheet
47Kb / 5P
   Decade and Binary Counters
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
   Decade, and Binary Counters
DM74LS90 NSC-DM74LS90 Datasheet
131Kb / 10P
   Decade and Binary Counters
DM5490 NSC-DM5490 Datasheet
133Kb / 10P
   Decade and Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com