Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1408-8N Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC1408-8N
Description  8?뭕it Multiplying D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1408-8N Fiches technique(HTML) 5 Page - ON Semiconductor

  MC1408-8N Datasheet HTML 1Page - ON Semiconductor MC1408-8N Datasheet HTML 2Page - ON Semiconductor MC1408-8N Datasheet HTML 3Page - ON Semiconductor MC1408-8N Datasheet HTML 4Page - ON Semiconductor MC1408-8N Datasheet HTML 5Page - ON Semiconductor MC1408-8N Datasheet HTML 6Page - ON Semiconductor MC1408-8N Datasheet HTML 7Page - ON Semiconductor MC1408-8N Datasheet HTML 8Page - ON Semiconductor MC1408-8N Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC1408−8
http://onsemi.com
5
Circuit Description
The MC1408−8 consists of a reference current amplifier,
an R−2R ladder, and 8 high−speed current switches. For
many applications, only a reference resistor and reference
voltage need be added.
The switches are non−inverting in operation; therefore, a
high state on the input turns on the specified output current
component.
The switch uses current steering for high speed, and a
termination amplifier consisting of an active load gain stage
with unity gain feedback. The termination amplifier holds
the parasitic capacitance of the ladder at a constant voltage
during
switching,
and
provides
a
low
impedance
termination of equal voltage for all legs of the ladder.
The R−2R ladder divides the reference amplifier current
into binary−related components, which are fed to the
remainder current which is equal to the least significant bit.
This current is shunted to ground, and the maximum output
current is 255/256 of the reference amplifier current, or
1.992 mA for a 2.0 mA reference amplifier current if the
NPN current source pair is perfectly matched.
Functional Description
Reference Amplifier Drive and Compensation
The reference amplifier input current must always flow
into Pin 14. regardless of the setup method or reference
supply voltage polarity.
Connections for a positive reference voltage are shown in
Figure 3. The reference voltage source supplies the full
reference current. For bipolar reference signals, as in the
multiplying mode, R15 can be tied to a negative voltage
corresponding to the minimum input level. R15 may be
eliminated and Pin 15 grounded, with only a small sacrifice
in accuracy and temperature drift.
The compensation capacitor value must be increased with
increasing values of R14 to maintain proper phase margin.
For R14 values of 1.0, 2.5, and 5.0 k
W, minimum capacitor
values are 15, 37, and 75 pF. The capacitor may be tied to
either VEE or ground, but using VEE increases negative
supply rejection. (Fluctuations in the negative supply have
more effect on accuracy than do any changes in the positive
supply.)
A negative reference voltage may be used if R14 is
grounded and the reference voltage is applied to R15, as
shown in Figure 4. A high input impedance is the main
advantage of this method. The negative reference voltage
must be at least 3.0 V above the VEE supply. Bipolar input
signals may be handled by connecting R14 to a positive
reference voltage equal to the peak positive input level at
Pin 15.
Capacitive bypass to ground is recommended when a DC
reference voltage is used. The 5.0 V logic supply is not
recommended as a reference voltage, but if a well regulated
5.0 V supply which drives logic is to be used as the
reference, R14 should be formed of two series resistors and
the junction of the two resistors bypassed with 0.1
mF to
ground. For reference voltages greater than 5.0 V, a clamp
diode is recommended between Pin 14 and ground.
If Pin 14 is driven by a high impedance such as a transistor
current source, none of the above compensation methods
apply and the amplifier must be heavily compensated,
decreasing the overall bandwidth.
A1
A2
A3
A4
A5
A6
A7
A8
5
6
7
8
9
10
11
12
3
MC1408
13
14
15
1
2
4
16
SEE TEXT FOR VALUES OF C.
C
R14 = R15
(+)VREF
R14
R15
RL
IO
VEE
VCC
Figure 3. Positive VREF
A1
A2
A3
A4
A5
A6
A7
A8
5
6
7
8
9
10
11
12
3
MC1408
13
14
15
1
2
4
16
SEE TEXT FOR VALUES OF C.
C
R14 = R15
(−)VREF
R14
R15
RL
IO
VEE
VCC
Figure 4. Negative VREF


Numéro de pièce similaire - MC1408-8N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC1408-8N PHILIPS-MC1408-8N Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
MC1408-8N PHILIPS-MC1408-8N Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
More results

Description similaire - MC1408-8N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com