Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL072-EP Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL072-EP
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL072-EP Fiches technique(HTML) 1 Page - Texas Instruments

  TL072-EP Datasheet HTML 1Page - Texas Instruments TL072-EP Datasheet HTML 2Page - Texas Instruments TL072-EP Datasheet HTML 3Page - Texas Instruments TL072-EP Datasheet HTML 4Page - Texas Instruments TL072-EP Datasheet HTML 5Page - Texas Instruments TL072-EP Datasheet HTML 6Page - Texas Instruments TL072-EP Datasheet HTML 7Page - Texas Instruments TL072-EP Datasheet HTML 8Page - Texas Instruments TL072-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
VCC−
3IN+
3IN−
3OUT
TL074
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
TL072
D PACKAGE
(TOP VIEW)
TL072-EP, TL074-EP
www.ti.com
SLOS747F – OCTOBER 2011 – REVISED DECEMBER 2012
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
Check for Samples: TL072-EP, TL074-EP
1
FEATURES
Low Power Consumption
Wide Common-Mode and Differential Voltage
Ranges
Low Input Bias and Offset Currents
Output Short-Circuit Protection
Low Total Harmonic Distortion: 0.003% Typ
Low Noise
Vn = 18 nV/√Hz Typ at f = 1 kHz
High Input Impedance: JFET Input Stage
Internal Frequency Compensation
Latch-Up-Free Operation
High Slew Rate: 13 V/
μs Typ
Common-Mode Input Voltage Range Includes
VCC+
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
Controlled Baseline
One Assembly and Test Site
One Fabrication Site
Available in Extended (–40°C to 125°C) or
Military (–55°C to 125°C) Temperature Range
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
DESCRIPTION/ORDERING INFORMATION
The JFET-input operational amplifiers in the TL07x is similar to the TL08x series, with low input bias and offset
currents and fast slew rate. The low harmonic distortion and low noise make the TL07x ideally suited for high-
fidelity and audio preamplifier applications. Each amplifier features JFET inputs (for high input impedance)
coupled with bipolar output stages integrated on a single monolithic chip.
The TL07x is characterized for operation over the extended temperature range of –40°C to 125°C or military
temperature range of –55°C to 125°C.
ORDERING INFORMATION(1)
VIOmaX
ORDERABLE
TOP-SIDE
TA
PACKAGE
VID NUMBER
AT 25°C
PART NUMBER
MARKING
TL072QDREP
TL072Q
V62/12604-01XE
–40°C to 125°C
6 mV
SOIC – D
Reel of 2500
TL074QDREP
TL074Q
V62/11621-01XE
Reel of 2500
TL074MDREP
TL074M
V62/11621-02XE
–55°C to 125°C
6 mV
SOIC – D
Tube of 75
TL074MDEP
TL074M
V62/11621-02XE-T
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TL072-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL072-EP TI1-TL072-EP Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL072-EP TI1-TL072-EP Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL072-EP TI-TL072-EP Datasheet
2Mb / 69P
[Old version datasheet]   TL07xx Low-Noise JFET-Input Operational Amplifiers
TL072-EP TI-TL072-EP Datasheet
4Mb / 80P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
More results

Description similaire - TL072-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
TL072 DIODES-TL072 Datasheet
186Kb / 11P
   LOW NOISE JFET INPUT OPERATIONAL
TL072 Rev. 1
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA827 BURR-BROWN-OPA827_07 Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
OPA827 BURR-BROWN-OPA827 Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
NTE Electronics
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
   Integrated Circuit Low-Noise JFET-Input Operational Amplifier
logo
Texas Instruments
OPA827AIDGKR TI-OPA827AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com