Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM73302 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce SM73302
Description  SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SM73302 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SM73302_15 Datasheet HTML 6Page - Texas Instruments SM73302_15 Datasheet HTML 7Page - Texas Instruments SM73302_15 Datasheet HTML 8Page - Texas Instruments SM73302_15 Datasheet HTML 9Page - Texas Instruments SM73302_15 Datasheet HTML 10Page - Texas Instruments SM73302_15 Datasheet HTML 11Page - Texas Instruments SM73302_15 Datasheet HTML 12Page - Texas Instruments SM73302_15 Datasheet HTML 13Page - Texas Instruments SM73302_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
OUTPUT AMPLITUDE (VPP)
0.01
0.1
1
10
-90
-80
-70
-60
-50
-40
V
+ = 5V
f = 1 kHz
AV = +10
RL = 600:
RL = 100 k:
0.01
0.1
1
10
OUTPUT AMPLITUDE (VPP)
-80
-70
-60
-50
-40
V
+ = 2.5V
f = 1 kHz
AV = +10
RL = 100 k:
RL = 600:
10
100
1k
10k
100k
FREQUENCY (Hz)
0
0.01
0.02
0.03
0.04
0.05
V
+
= 2.5V
VO = 1 VPP
AV = +10
RL = 100 k:
RL = 600:
10
100
1k
10k
100k
FREQUENCY (Hz)
0
0.01
0.02
0.03
0.04
V
+
= 5V
VO = 4 VPP
AV = +10
RL = 600:
RL = 100 k:
0
20
40
60
80
100
120
CLOAD (pF)
0
10
20
30
40
50
60
70
US%
OS%
1 s/DIV
VS = ±2.5V
VCM = 0.0V
SM73302
SNOSB93A – AUGUST 2011 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
= 0, V+ = 5V, V
S = V
+ - V, V
CM = VS/2.
Overshoot and Undershoot
vs.
Time Domain Voltage Noise
CLOAD
Figure 28.
Figure 29.
THD+N
THD+N
vs.
vs.
Frequency
Frequency
Figure 30.
Figure 31.
THD+N
THD+N
vs.
vs.
Peak-to-Peak Output Voltage (VOUT)
Peak-to-Peak Output Voltage (VOUT)
Figure 32.
Figure 33.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM73302


Numéro de pièce similaire - SM73302_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM73302MF TI1-SM73302MF Datasheet
1Mb / 24P
[Old version datasheet]   SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
SM73302MFE TI1-SM73302MFE Datasheet
1Mb / 24P
[Old version datasheet]   SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
SM73302MFX TI1-SM73302MFX Datasheet
1Mb / 24P
[Old version datasheet]   SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
More results

Description similaire - SM73302_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM73302 TI1-SM73302 Datasheet
1Mb / 24P
[Old version datasheet]   SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
National Semiconductor ...
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
[Old version datasheet]   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
National Semiconductor ...
LMP7717 NSC-LMP7717 Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
Texas Instruments
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
[Old version datasheet]   LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com