Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1418S-TD-E Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 2SA1418S-TD-E
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1418S-TD-E Fiches technique(HTML) 3 Page - ON Semiconductor

  2SA1418S-TD-E Datasheet HTML 1Page - ON Semiconductor 2SA1418S-TD-E Datasheet HTML 2Page - ON Semiconductor 2SA1418S-TD-E Datasheet HTML 3Page - ON Semiconductor 2SA1418S-TD-E Datasheet HTML 4Page - ON Semiconductor 2SA1418S-TD-E Datasheet HTML 5Page - ON Semiconductor 2SA1418S-TD-E Datasheet HTML 6Page - ON Semiconductor 2SA1418S-TD-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA1418 / 2SC3648
No.1788-3/7
IC -- VCE
Collector-to-Emitter Voltage, VCE -- mV
IC -- VCE
Collector-to-Emitter Voltage, VCE -- mV
VCE(sat) -- IC
Collector Current, IC -- mA
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- mA
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
Collector Current, IC -- mA
ITR03565
ITR03564
2
--10
57
73
2
--100
2
--1000
57
3
5
3
1000
2
3
5
7
100
2
3
5
7
10
3
5
7
2
10
57
73
2
100
2
1000
57
3
5
3
1000
2
3
5
7
100
2
3
5
7
10
3
5
7
ITR03563
ITR03562
ITR03560
0.6
0.8
0
0.4
0.2
1.0
1.2
0
200
800
1000
600
400
57
3
57
32
5
7
3
2
10
100
2
1000
1.0
10
5
7
3
2
0.1
5
7
3
2
5
7
3
2
ITR03561
2SA1418 / 2SC3648
VCE=5V
For PNP, minus sign is omitted
2SA1418
Pulse
2SA1418
--2.5mA
--2.0mA
--3.0mA
--4.0mA
--4.5mA
--5.0mA
--3.5mA
--1.5mA
--1.0mA
--0.5mA
IB=0mA
0
--20
--30
--10
--50
--60
--70
--40
--80
0
--100
--200
--400
--300
--600
--500
--700
--800
020
30
10
50
60
70
40
80
0
200
400
600
800
1000
2SC3648
IB=0mA
0.5mA
2.5mA
3.0mA
3.5mA
2.0mA
1.5mA
1.0mA
2SA1418
2SC3648
2SA1418 / 2SC3648
IC / IB=10
For PNP, minus sign is omitted
2SC3648
Pulse
ITR03558
0
--400
--200
--800
--600
--1000
400
200
800
600
1000
0
0
--100
--200
--400
--300
--600
--500
--700
--800
0
0
100
200
400
300
600
500
700
800
ITR03559
--80mA
--100mA
--140mA
--180mA
--200mA
--40mA
--60mA
--20mA
IB=0mA
2SA1418
2SC3648
IB=0mA
80mA
90mA
30mA
20mA
10mA
40mA
50mA
--160mA
--120mA
100mA
60mA
70mA
From top
From top


Numéro de pièce similaire - 2SA1418S-TD-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
   High-Voltage Switching, Predriver Applications
logo
Guangdong Kexin Industr...
2SA1418 KEXIN-2SA1418 Datasheet
497Kb / 3P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1418 SANYO-2SA1418 Datasheet
102Kb / 5P
   High-Voltage Switching, Preriver Applications
2SA1418 SANYO-2SA1418 Datasheet
452Kb / 7P
   High-Voltage Switching, Preriver Applications
logo
ON Semiconductor
2SA1418 ONSEMI-2SA1418 Datasheet
134Kb / 5P
   High-Voltage Switching Preriver Applications
Jan-2011, Rev. 0
More results

Description similaire - 2SA1418S-TD-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com