Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5258-1 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce CS5258-1
Description  8.0 A LDO 5?뭁in Adjustable Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5258-1 Fiches technique(HTML) 4 Page - ON Semiconductor

  CS5258-1 Datasheet HTML 1Page - ON Semiconductor CS5258-1 Datasheet HTML 2Page - ON Semiconductor CS5258-1 Datasheet HTML 3Page - ON Semiconductor CS5258-1 Datasheet HTML 4Page - ON Semiconductor CS5258-1 Datasheet HTML 5Page - ON Semiconductor CS5258-1 Datasheet HTML 6Page - ON Semiconductor CS5258-1 Datasheet HTML 7Page - ON Semiconductor CS5258-1 Datasheet HTML 8Page - ON Semiconductor CS5258-1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CS5258−1
http://onsemi.com
4
Figure 2. Block Diagram
+
+
BIAS
and
TSD
VREF
EA
IA
VOUT
VSENSE
Adjust
VPOWER
VCONTROL
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Reference Voltage vs Temperature
TJ (°C)
10
30
−0.150
−0.050
0.100
−0.100
0
20
40
130
IO = 10 mA
VCONTROL = 2.75 V
VPOWER = 2.15 V
0.050
0
−0.075
0.075
−0.125
−0.025
0.025
50
70
60
80 90
110
100
120
Figure 4. Reference Voltage vs Temperature
Figure 5. Adjust Pin Current vs Temperature
Temperature (°C)
20
83
0
40
60
80
100
81
79
77
75
73
71
65
120
140
160
69
67
Figure 6. Ripple Rejection vs Frequency
VIN − VOUT = 2.0 V
IOUT = 4.0 A
VRIPPLE = 1.0 VP−P
COUT = 22 μF
CADJ = 0.1 μF
101
Frequency (Hz)
10
20
30
40
50
60
70
80
90
102
103
104
105
106
0
1.0
3.0
2.0
8.0
Output Current (A)
4.0
6.0
5.0
7.0
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
VPOWER = 2.15 V
VCONTROL = 2.75 V


Numéro de pièce similaire - CS5258-1

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5258-1GT5 CHERRY-CS5258-1GT5 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
More results

Description similaire - CS5258-1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
   8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com