Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XL6005 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce XL6005
Description  180KHz 60V 4A Switching Current Boost LED Constant Current Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

XL6005 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XL6005 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL6005 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL6005 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL6005 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL6005 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL6005 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL6005 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL6005 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL6005 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Datasheet
180KHz 60V 4A Switching Current Boost LED Constant Current Driver
XL6005
Rev 1.5
www.xlsemi.com
6
Schottky Diode Selection Table
Current Surface
Mount
Through
Hole
VR (The same as system maximum input voltage)
20V
30V
40V
50V
60V
1A
1N5817
1N5818
1N5819
1N5820
1N5821
1N5822
MBR320
MBR330
MBR340 MBR350
MBR360
SK32
SK33
SK34
SK35
SK36
30WQ03
30WQ04 30WQ05
31DQ03
31DQ04
31DQ05
3A
SR302
SR303
SR304
SR305
SR306
1N5823
1N5824
1N5825
SR502
SR503
SR504
SR505
SR506
SB520
SB530
SB540
SB550
SB560
5A
50WQ03
50WQ04 50WQ05
Typical System Application for VIN=12V to driver 11 x 1W series LED units
Figure5. XL6005 System Parameters Test Circuit (12V ~11 x 1W LED)


Numéro de pièce similaire - XL6005

FabricantNo de pièceFiches techniqueDescription
logo
XLSEMI
XL6005 XLSEMI-XL6005 Datasheet
420Kb / 11P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
XL6005E1 XLSEMI-XL6005E1 Datasheet
420Kb / 11P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
More results

Description similaire - XL6005

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Huazhimei Semi...
HM6285 HMSEMI-HM6285 Datasheet
679Kb / 10P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
XLSEMI
XL6005 XLSEMI-XL6005 Datasheet
420Kb / 11P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
XL6006 XLSEMI-XL6006 Datasheet
304Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
logo
List of Unclassifed Man...
XL6006 ETC2-XL6006 Datasheet
175Kb / 10P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6286 HMSEMI-HM6286 Datasheet
619Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
logo
XLSEMI
XL6013 XLSEMI-XL6013 Datasheet
307Kb / 12P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6283 HMSEMI-HM6283 Datasheet
624Kb / 9P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
HM6283B HMSEMI-HM6283B Datasheet
777Kb / 11P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
logo
List of Unclassifed Man...
XL6003 ETC2-XL6003 Datasheet
275Kb / 9P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6013 ETC2-XL6013 Datasheet
290Kb / 12P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com