Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C75RL Fiches technique(PDF) 3 Page - ON Semiconductor |
|
BZX55C75RL Fiches technique(HTML) 3 Page - ON Semiconductor |
3 / 10 page BZX55C2V4RL Series http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted, VF = 1.3 V Max, IF = 100 mAdc for all types) Device Device Marking VZT at IZT (V) Max Zener Impedance (Note 4) ZZT @ IZT (Ohms) Max IZT (mA) Max Reverse Leakage Current IR at VR (mA) VR (V) IZM (mA) (Note 3) Min (Note 2) Max (Note 2) Tamb 255C Max Tamb 1255C Max BZX55C2V4RL 55C2V4 2.28 2.56 85 5 50 100 1 155 BZX55C2V7RL 55C2V7 2.5 2.9 85 5 10 50 1 135 BZX55C3V0RL 55C3V0 2.8 3.2 85 5 4 40 1 125 BZX55C3V3RL 55C3V3 3.1 3.5 85 5 2 40 1 115 BZX55C3V6RL 55C3V6 3.4 3.8 85 5 2 40 1 105 BZX55C3V9RL 55C3V9 3.7 4.1 85 5 2 40 1 95 BZX55C4V3RL 55C4V3 4 4.6 75 5 1 20 1 90 BZX55C4V7RL 55C4V7 4.4 5 60 5 0.5 10 1 85 BZX55C5V1RL 55C5V1 4.8 5.4 35 5 0.1 2 1 80 BZX55C5V6RL 55C5V6 5.2 6 25 5 0.1 2 1 70 BZX55C6V2RL 55C6V2 5.8 6.6 10 5 0.1 2 2 64 BZX55C6V8RL 55C6V8 6.4 7.2 8 5 0.1 2 3 58 BZX55C7V5RL 55C7V5 7 7.9 7 5 0.1 2 5 53 BZX55C8V2RL 55C8V2 7.7 8.7 7 5 0.1 2 6 47 BZX55C9V1RL 55C9V1 8.5 9.6 10 5 0.1 2 7 43 BZX55C10RL 55C10 9.4 10.6 15 5 0.1 2 7.5 40 BZX55C11RL 55C11 10.4 11.6 20 5 0.1 2 8.5 36 BZX55C12RL 55C12 11.4 12.7 20 5 0.1 2 9 32 BZX55C13RL 55C13 12.4 14.1 26 5 0.1 2 10 29 BZX55C15RL 55C15 13.8 15.6 30 5 0.1 2 11 27 BZX55C16RL 55C16 15.3 17.1 40 5 0.1 2 12 24 BZX55C18RL 55C18 16.8 19.1 50 5 0.1 2 14 21 BZX55C20RL 55C20 18.8 21.1 55 5 0.1 2 15 20 BZX55C22RL 55C22 20.8 23.3 55 5 0.1 2 17 18 BZX55C24RL 55C24 22.8 25.6 80 5 0.1 2 18 16 BZX55C27RL 55C27 25.1 28.9 80 5 0.1 2 20 14 BZX55C30RL 55C30 28 32 80 5 0.1 2 22 13 BZX55C33RL 55C33 31 35 80 5 0.1 2 24 12 BZX55C36RL 55C36 34 38 80 5 0.1 2 27 11 BZX55C39RL 55C39 37 41 90 2.5 0.1 5 28 10 BZX55C43RL 55C43 40 46 90 2.5 0.1 5 32 9.2 BZX55C47RL 55C47 44 50 110 2.5 0.1 5 35 8.5 BZX55C51RL 55C51 48 54 125 2.5 0.1 10 38 7.8 BZX55C56RL 55C56 52 60 135 2.5 0.1 10 42 7 BZX55C62RL 55C62 58 66 150 2.5 0.1 10 47 6.4 BZX55C68RL 55C68 64 72 160 2.5 0.1 10 51 5.9 BZX55C75RL 55C75 70 80 170 2.5 0.1 10 56 5.3 BZX55C82RL 55C82 77 87 200 2.5 0.1 10 62 4.8 BZX55C91RL 55C91 85 96 250 1 0.1 10 69 4.3 2. TOLERANCE AND VOLTAGE DESIGNATION Tolerance designation − the type numbers listed have zener voltage min/max limits as shown. Device tolerance of ±2% are indicated by a “B” instead of a “C”. Zener voltage is measured with the device junction in thermal equilibrium at the lead temperature of 30°C ±1°C and 3/8″ lead length. 3. This data was calculated using nominal voltages. The maximum current handling capability on a worst case basis is limited by the actual zener voltage at the operating point and the powered derating curve. 4. ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 1.0 kHz. |
Numéro de pièce similaire - BZX55C75RL |
|
Description similaire - BZX55C75RL |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |