Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C51RL Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce BZX55C51RL
Description  Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX55C51RL Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button BZX55C51RL Datasheet HTML 2Page - ON Semiconductor BZX55C51RL Datasheet HTML 3Page - ON Semiconductor BZX55C51RL Datasheet HTML 4Page - ON Semiconductor BZX55C51RL Datasheet HTML 5Page - ON Semiconductor BZX55C51RL Datasheet HTML 6Page - ON Semiconductor BZX55C51RL Datasheet HTML 7Page - ON Semiconductor BZX55C51RL Datasheet HTML 8Page - ON Semiconductor BZX55C51RL Datasheet HTML 9Page - ON Semiconductor BZX55C51RL Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BZX55C2V4RL Series
http://onsemi.com
7
100
70
50
30
20
10
7
5
3
2
1
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
PW, PULSE WIDTH (ms)
5% DUTY CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
11V−91V NONREPETITIVE
1.8V−10V NONREPETITIVE
RECTANGULAR
WAVEFORM
TJ =25°C PRIOR TO
INITIAL PULSE
Figure 7a. Maximum Surge Power 1.8−91 Volts
1000
700
500
300
200
100
70
50
30
20
10
7
5
3
2
1
0.01
0.1
1
10
100
1000
PW, PULSE WIDTH (ms)
Figure 7b. Maximum Surge Power DO-204AH
100−200 Volts
1000
500
200
100
50
20
10
1
2
5
0.1
0.2
0.5
1
2
5
10
20
50
100
IZ, ZENER CURRENT (mA)
Figure 8. Effect of Zener Current on
Zener Impedance
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2
3
5
7
10
20
30
50 70 100
VZ, ZENER VOLTAGE (VOLTS)
Figure 9. Effect of Zener Voltage on Zener Impedance
Figure 10. Typical Forward Characteristics
RECTANGULAR
WAVEFORM, TJ =25°C
100−200VOLTS NONREPETITIVE
TJ =25°C
iZ(rms)=0.1 IZ(dc)
f=60Hz
IZ =1mA
5mA
20mA
TJ =25°C
iZ(rms)=0.1 IZ(dc)
f=60Hz
VZ =2.7V
47V
27V
6.2V
VF, FORWARD VOLTAGE (VOLTS)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1000
500
200
100
50
20
10
5
2
1
MINIMUM
MAXIMUM
150°C
75°C
0°C
25°C


Numéro de pièce similaire - BZX55C51RL

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BZX55C51RL MOTOROLA-BZX55C51RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
More results

Description similaire - BZX55C51RL

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com