Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C8V2RL Fiches technique(PDF) 1 Page - ON Semiconductor |
|
BZX55C8V2RL Fiches technique(HTML) 1 Page - ON Semiconductor |
1 / 10 page © Semiconductor Components Industries, LLC, 2006 August, 2006 − Rev. 1 1 Publication Order Number: BZX55C2V4RL/D BZX55C2V4RL Series 500 mW DO−35 Hermetically Sealed Glass Zener Voltage Regulators This is a complete series of 500 mW Zener diodes with limits and excellent operating characteristics that reflect the superior capabilities of silicon−oxide passivated junctions. All this in an axial−lead hermetically sealed glass package that offers protection in all common environmental conditions. Specification Features: • Zener Voltage Range − 2.4 V to 33 V • ESD Rating of Class 3 (>16 KV) per Human Body Model • DO−204AH (DO−35) Package − Smaller than Conventional DO−204AA Package • Double Slug Type Construction • Metallurgical Bonded Construction Mechanical Characteristics: CASE: Double slug type, hermetically sealed glass FINISH: All external surfaces are corrosion resistant and leads are readily solderable MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES: 230°C, 1/16″ from the case for 10 seconds POLARITY: Cathode indicated by polarity band MOUNTING POSITION: Any MAXIMUM RATINGS (Note 1) Rating Symbol Value Unit Max. Steady State Power Dissipation @ TL ≤ 75°C, Lead Length = 3/8″ Derate above 75°C PD 500 4.0 mW mW/°C Operating and Storage Temperature Range TJ, Tstg −65 to +200 °C 1. Some part number series have lower JEDEC registered ratings. Device Package Shipping ORDERING INFORMATION BZX55CxxxRL Axial Lead 5000/Tape & Reel BZX55CxxxRL2* Axial Lead AXIAL LEAD CASE 299 GLASS 5000/Tape & Reel Cathode Anode * The “2” suffix refers to 26 mm tape spacing. L 55C xxx YWW L = Assembly Location 55Cxxx = Device Code = (See Table Next Page) Y = Year WW = Work Week MARKING DIAGRAM http://onsemi.com |
Numéro de pièce similaire - BZX55C8V2RL |
|
Description similaire - BZX55C8V2RL |