Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C7V5RL Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce BZX55C7V5RL
Description  Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX55C7V5RL Fiches technique(HTML) 1 Page - ON Semiconductor

  BZX55C7V5RL Datasheet HTML 1Page - ON Semiconductor BZX55C7V5RL Datasheet HTML 2Page - ON Semiconductor BZX55C7V5RL Datasheet HTML 3Page - ON Semiconductor BZX55C7V5RL Datasheet HTML 4Page - ON Semiconductor BZX55C7V5RL Datasheet HTML 5Page - ON Semiconductor BZX55C7V5RL Datasheet HTML 6Page - ON Semiconductor BZX55C7V5RL Datasheet HTML 7Page - ON Semiconductor BZX55C7V5RL Datasheet HTML 8Page - ON Semiconductor BZX55C7V5RL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 1
1
Publication Order Number:
BZX55C2V4RL/D
BZX55C2V4RL Series
500 mW DO−35 Hermetically
Sealed Glass Zener Voltage
Regulators
This is a complete series of 500 mW Zener diodes with limits and
excellent operating characteristics that reflect the superior capabilities
of silicon−oxide passivated junctions. All this in an axial−lead
hermetically sealed glass package that offers protection in all common
environmental conditions.
Specification Features:
Zener Voltage Range − 2.4 V to 33 V
ESD Rating of Class 3 (>16 KV) per Human Body Model
DO−204AH (DO−35) Package − Smaller than Conventional
DO−204AA Package
Double Slug Type Construction
Metallurgical Bonded Construction
Mechanical Characteristics:
CASE:
Double slug type, hermetically sealed glass
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
230°C, 1/16″ from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Max. Steady State Power Dissipation
@ TL ≤ 75°C, Lead Length = 3/8″
Derate above 75°C
PD
500
4.0
mW
mW/°C
Operating and Storage
Temperature Range
TJ, Tstg
−65 to
+200
°C
1. Some part number series have lower JEDEC registered ratings.
Device
Package
Shipping
ORDERING INFORMATION
BZX55CxxxRL
Axial Lead
5000/Tape & Reel
BZX55CxxxRL2*
Axial Lead
AXIAL LEAD
CASE 299
GLASS
5000/Tape & Reel
Cathode
Anode
* The “2” suffix refers to 26 mm tape spacing.
L
55C
xxx
YWW
L
= Assembly Location
55Cxxx = Device Code
= (See Table Next Page)
Y
= Year
WW
= Work Week
MARKING DIAGRAM
http://onsemi.com


Numéro de pièce similaire - BZX55C7V5RL

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BZX55C7V5RL MOTOROLA-BZX55C7V5RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
More results

Description similaire - BZX55C7V5RL

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com