Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C3V9RL Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce BZX55C3V9RL
Description  Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX55C3V9RL Fiches technique(HTML) 3 Page - ON Semiconductor

  BZX55C3V9RL Datasheet HTML 1Page - ON Semiconductor BZX55C3V9RL Datasheet HTML 2Page - ON Semiconductor BZX55C3V9RL Datasheet HTML 3Page - ON Semiconductor BZX55C3V9RL Datasheet HTML 4Page - ON Semiconductor BZX55C3V9RL Datasheet HTML 5Page - ON Semiconductor BZX55C3V9RL Datasheet HTML 6Page - ON Semiconductor BZX55C3V9RL Datasheet HTML 7Page - ON Semiconductor BZX55C3V9RL Datasheet HTML 8Page - ON Semiconductor BZX55C3V9RL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BZX55C2V4RL Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted, VF = 1.3 V Max, IF = 100 mAdc for all types)
Device
Device
Marking
VZT at IZT
(V)
Max Zener
Impedance
(Note 4)
ZZT @ IZT
(Ohms) Max
IZT
(mA)
Max Reverse Leakage
Current IR at VR (mA)
VR
(V)
IZM
(mA)
(Note 3)
Min
(Note 2)
Max
(Note 2)
Tamb
255C
Max
Tamb
1255C
Max
BZX55C2V4RL
55C2V4
2.28
2.56
85
5
50
100
1
155
BZX55C2V7RL
55C2V7
2.5
2.9
85
5
10
50
1
135
BZX55C3V0RL
55C3V0
2.8
3.2
85
5
4
40
1
125
BZX55C3V3RL
55C3V3
3.1
3.5
85
5
2
40
1
115
BZX55C3V6RL
55C3V6
3.4
3.8
85
5
2
40
1
105
BZX55C3V9RL
55C3V9
3.7
4.1
85
5
2
40
1
95
BZX55C4V3RL
55C4V3
4
4.6
75
5
1
20
1
90
BZX55C4V7RL
55C4V7
4.4
5
60
5
0.5
10
1
85
BZX55C5V1RL
55C5V1
4.8
5.4
35
5
0.1
2
1
80
BZX55C5V6RL
55C5V6
5.2
6
25
5
0.1
2
1
70
BZX55C6V2RL
55C6V2
5.8
6.6
10
5
0.1
2
2
64
BZX55C6V8RL
55C6V8
6.4
7.2
8
5
0.1
2
3
58
BZX55C7V5RL
55C7V5
7
7.9
7
5
0.1
2
5
53
BZX55C8V2RL
55C8V2
7.7
8.7
7
5
0.1
2
6
47
BZX55C9V1RL
55C9V1
8.5
9.6
10
5
0.1
2
7
43
BZX55C10RL
55C10
9.4
10.6
15
5
0.1
2
7.5
40
BZX55C11RL
55C11
10.4
11.6
20
5
0.1
2
8.5
36
BZX55C12RL
55C12
11.4
12.7
20
5
0.1
2
9
32
BZX55C13RL
55C13
12.4
14.1
26
5
0.1
2
10
29
BZX55C15RL
55C15
13.8
15.6
30
5
0.1
2
11
27
BZX55C16RL
55C16
15.3
17.1
40
5
0.1
2
12
24
BZX55C18RL
55C18
16.8
19.1
50
5
0.1
2
14
21
BZX55C20RL
55C20
18.8
21.1
55
5
0.1
2
15
20
BZX55C22RL
55C22
20.8
23.3
55
5
0.1
2
17
18
BZX55C24RL
55C24
22.8
25.6
80
5
0.1
2
18
16
BZX55C27RL
55C27
25.1
28.9
80
5
0.1
2
20
14
BZX55C30RL
55C30
28
32
80
5
0.1
2
22
13
BZX55C33RL
55C33
31
35
80
5
0.1
2
24
12
BZX55C36RL
55C36
34
38
80
5
0.1
2
27
11
BZX55C39RL
55C39
37
41
90
2.5
0.1
5
28
10
BZX55C43RL
55C43
40
46
90
2.5
0.1
5
32
9.2
BZX55C47RL
55C47
44
50
110
2.5
0.1
5
35
8.5
BZX55C51RL
55C51
48
54
125
2.5
0.1
10
38
7.8
BZX55C56RL
55C56
52
60
135
2.5
0.1
10
42
7
BZX55C62RL
55C62
58
66
150
2.5
0.1
10
47
6.4
BZX55C68RL
55C68
64
72
160
2.5
0.1
10
51
5.9
BZX55C75RL
55C75
70
80
170
2.5
0.1
10
56
5.3
BZX55C82RL
55C82
77
87
200
2.5
0.1
10
62
4.8
BZX55C91RL
55C91
85
96
250
1
0.1
10
69
4.3
2. TOLERANCE AND VOLTAGE DESIGNATION
Tolerance designation − the type numbers listed have zener voltage min/max limits as shown. Device tolerance of ±2% are indicated by a
“B” instead of a “C”. Zener voltage is measured with the device junction in thermal equilibrium at the lead temperature of 30°C ±1°C and 3/8″
lead length.
3. This data was calculated using nominal voltages. The maximum current handling capability on a worst case basis is limited by the actual
zener voltage at the operating point and the powered derating curve.
4. ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) =
0.1 IZ(dc) with the ac frequency = 1.0 kHz.


Numéro de pièce similaire - BZX55C3V9RL

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BZX55C3V9RL MOTOROLA-BZX55C3V9RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
More results

Description similaire - BZX55C3V9RL

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com