Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC28023 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce UC28023
Description  ECONOMY HIGH-SPEED PWM CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC28023 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button UC28023_15 Datasheet HTML 2Page - Texas Instruments UC28023_15 Datasheet HTML 3Page - Texas Instruments UC28023_15 Datasheet HTML 4Page - Texas Instruments UC28023_15 Datasheet HTML 5Page - Texas Instruments UC28023_15 Datasheet HTML 6Page - Texas Instruments UC28023_15 Datasheet HTML 7Page - Texas Instruments UC28023_15 Datasheet HTML 8Page - Texas Instruments UC28023_15 Datasheet HTML 9Page - Texas Instruments UC28023_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
UC28023
UC28025
SLUS557F -- MARCH 2003 -- REVISED AUGUST 2010
6
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
4
5
6
7
13
11
14
12
CLOCK
RT
CT
RAMP
VC
OUTA
OUTB
PGND
UC28025
3
EAOUT
2
1
8
15
NI
INV
SS
VCC
10
GND
16 VREF
OSCILLATOR
R
PWM
Latch
1.25 V
+
Inhibit
1V
1.4 V
ILIM
Comparator
Shutdown
Comparator
9
ILIM/SD
9V
UVLO
T
VCC Good
REF GEN
Output Inhibit
VREF Good
4V
Wide Bandwidth
Error Amplifier
Toggle F/F
Internal Bias
13
14
12
VC
OUT
PGND
UC28023
11
ILIMREF
1V
(UC28025 Only)
UDG--03048
9 μA
VIN
SD
(UC28023
Only)


Numéro de pièce similaire - UC28023_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC28023 TI1-UC28023_13 Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
More results

Description similaire - UC28023_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC28023 TI-UC28023 Datasheet
394Kb / 18P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28023 TI1-UC28023_13 Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com