Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2901-EP Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce UC2901-EP
Description  ISOLATED FEEDBACK GENERATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2901-EP Fiches technique(HTML) 3 Page - Texas Instruments

  UC2901-EP_15 Datasheet HTML 1Page - Texas Instruments UC2901-EP_15 Datasheet HTML 2Page - Texas Instruments UC2901-EP_15 Datasheet HTML 3Page - Texas Instruments UC2901-EP_15 Datasheet HTML 4Page - Texas Instruments UC2901-EP_15 Datasheet HTML 5Page - Texas Instruments UC2901-EP_15 Datasheet HTML 6Page - Texas Instruments UC2901-EP_15 Datasheet HTML 7Page - Texas Instruments UC2901-EP_15 Datasheet HTML 8Page - Texas Instruments UC2901-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UC2901-EP
www.ti.com
SLUS709A – DECEMBER 2006 – REVISED MARCH 2010
DISSIPATION RATING TABLE - FREE-AIR TEMPERATURE
PACKAGE
AIR FLOW
TA≤25°C POWER
DERATING FACTOR
TA= 70°C POWER
TA= 85°C POWER
TA=125°C POWER
(CFM)
RATING
ABOVE TA = 25°C
RATING
RATING
RATING
D
0
1000 mW
8 mW/°C
630 mW
510 mW
180 mW
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Section
TA = 25°C
1.485
1.5
1.515
Output voltage
V
TMIN ≤ TA ≤ TMAX
1.470
1.5
1.530
Line regulation
VIN = 4.5 to 35 V
2
10
mV
Load regulation
IOUT = 0 to 5 mA
4
10
mV
Short-circuit current
TA = 25°C
–35
–55
mA
Error Amplifier Section (To Compensation Terminal)
Input offset voltage
VCM = 1.5 V
1
4
mV
Input bias current
VCM = 1.5 V
–1
–3
mA
Input offset current
VCM = 1.5 V
0.1
1
mA
Small-signal open-loop gain
40
60
dB
CMRR
VCM = 0.5 V to 7.5 V
60
80
dB
PSRR
VIN = 5 V to 25 V
80
100
dB
Output swing,
ΔVO
0.4
0.7
V
Maximum sink current
90
150
mA
Maximum source current
–2
–3
mA
Gain bandwidth product
1
MHz
Slew rate
0.3
V/ms
Modulators/Drivers Section (From Compensation Terminal)
Voltage gain
11
12
13
dB
Output swing
±1.6
±2.8
V
Driver sink current
500
700
mA
Driver source current
–15
–35
mA
Gain bandwidth product
25
MHz
Oscillator Section
TA = 25°C
140
150
160
kHz
Initial accuracy
TMIN ≤ TA ≤ TMAX
130
170
kHz
Line sensitivity
VIN = 5 V to 35 V
0.15
0.35
%/V
Maximum frequency
RT = 10 K, CT = 10 pF
5
MHz
External clock low threshold
Pin 1 (CT) = VIN
0.5
V
External clock high threshold
Pin 1 (CT) = VIN
1.6
V
Status Indicator Section
Input voltage window
At E/A inputs, VCM = 1.5 V
±135
±150
±165
mV
Saturation voltage
E/A
Δinput = 0 V, ISINK = 1.6 mA
0.45
V
Maximum output current
Pin 13 = 3 V, E/A
Δ input = 0 V
8
15
mA
Leakage current
Pin 13 = 40 V, E/A
Δ input = 0.2 V
0.05
1
mA
Supply current
VIN = 35 V
5
8
mA
UVLO Section
Drivers-enabled threshold
At input supply VIN
3.9
4.5
V
Status output-enabled threshold
At input supply VIN
3.9
4.5
V
Change in reference output
When VIN reaches UVLO threshold
–2
–30
mV
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC2901-EP


Numéro de pièce similaire - UC2901-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
More results

Description similaire - UC2901-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1901 TI-UC1901 Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
UC1901 TI1-UC1901_11 Datasheet
599Kb / 12P
[Old version datasheet]   Isolated Feedback Generator
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
logo
Analog Devices
ADUM3070 AD-ADUM3070_V01 Datasheet
763Kb / 20P
   Isolated Switching Regulator With Integrated Feedback
Rev. A
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
   Isolated Switching Regulator with Integrated Feedback
Rev. 0
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
460Kb / 25P
   Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Rev 0; 10/03
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com