Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2901-EP Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce UC2901-EP
Description  ISOLATED FEEDBACK GENERATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2901-EP Fiches technique(HTML) 5 Page - Texas Instruments

  UC2901-EP_15 Datasheet HTML 1Page - Texas Instruments UC2901-EP_15 Datasheet HTML 2Page - Texas Instruments UC2901-EP_15 Datasheet HTML 3Page - Texas Instruments UC2901-EP_15 Datasheet HTML 4Page - Texas Instruments UC2901-EP_15 Datasheet HTML 5Page - Texas Instruments UC2901-EP_15 Datasheet HTML 6Page - Texas Instruments UC2901-EP_15 Datasheet HTML 7Page - Texas Instruments UC2901-EP_15 Datasheet HTML 8Page - Texas Instruments UC2901-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Primary
Powerand
Switches
Power
Transformer
ToSupply
Monitor
ToPWM
Controller
RFCoupling
Transformer
STATUS
DRIVERB
DRIVERA
UC2901
EXTCLK
CT
Oscillator
X4
10%
-/+
+/-
E/A
1.5V
Reference
RT
V
IN
-
+
V
IN
COMP
INV
NI
VREF
GND
Supply
Output
UC2901-EP
www.ti.com
SLUS709A – DECEMBER 2006 – REVISED MARCH 2010
APPLICATION INFORMATION
The error amplifier compensation terminal, pin 12, is intended as a source of feedback to the amplifier's inverting
input at pin 11. For most applications, a series DC blocking capacitor should be part of the feedback network.
The amplifier is compensated internally for unity feedback.
The waveform at the driver outputs is a squarewave, with an amplitude that is proportional to the error amplifier
input signal. There is a fixed 12 dB of gain from the error amplifier compensation pin to the modulator driver
outputs. The frequency of the output waveform is controlled by either the internal oscillator or an external clock
signal.
With the internal oscillator, the squarewave has a fixed 50% duty cycle. If the internal oscillator is disabled by
connecting pin 1, CR, to VIN, then the frequency and duty cycle of the output is determined by the input clock
waveform at pin 2. If the oscillator remains disabled, and there is not clock input at pin 2, there will be a linear
12-dB signal gain to one or the other of the driver outputs, depending on the DC state of pin 2.
The driver outputs are emitter followers that source a minimum of 15 mA of current. The sink current, internally
limited at 700 mA, can be increased by adding resistors to ground at the driver outputs.
Figure 4. Transformer-Coupled Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UC2901-EP


Numéro de pièce similaire - UC2901-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
More results

Description similaire - UC2901-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1901 TI-UC1901 Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
UC1901 TI1-UC1901_11 Datasheet
599Kb / 12P
[Old version datasheet]   Isolated Feedback Generator
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
logo
Analog Devices
ADUM3070 AD-ADUM3070_V01 Datasheet
763Kb / 20P
   Isolated Switching Regulator With Integrated Feedback
Rev. A
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
   Isolated Switching Regulator with Integrated Feedback
Rev. 0
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
460Kb / 25P
   Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Rev 0; 10/03
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com