Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2875-EP Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce UC2875-EP
Description  PHASE SHIFT RESONANT CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2875-EP Fiches technique(HTML) 2 Page - Texas Instruments

  UC2875-EP_15 Datasheet HTML 1Page - Texas Instruments UC2875-EP_15 Datasheet HTML 2Page - Texas Instruments UC2875-EP_15 Datasheet HTML 3Page - Texas Instruments UC2875-EP_15 Datasheet HTML 4Page - Texas Instruments UC2875-EP_15 Datasheet HTML 5Page - Texas Instruments UC2875-EP_15 Datasheet HTML 6Page - Texas Instruments UC2875-EP_15 Datasheet HTML 7Page - Texas Instruments UC2875-EP_15 Datasheet HTML 8Page - Texas Instruments UC2875-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
UC2875EP
PHASE SHIFT RESONANT CONTROLLER
SGLS233A − FEBRUARY 2004 − REVISED DECEMBER 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information
With the oscillator capable of operation at frequencies in excess of 2 MHz, overall switching frequencies to
1 MHz are practical. In addition to the standard free running mode, with the CLOCKSYNC pin, the user may
configure these devices to accept an external clock synchronization signal, or may lock together up to 5 units
with the operational frequency determined by the fastest device.
Protective features include an undervoltage lockout which maintains all outputs in an active-low state until the
supply reaches a 10.75 V threshold. 1.5 V hysteresis is built in for reliable, boot-strapped chip supply.
Over-current protection is provided, and will latch the outputs in the OFF state within 70 ns of a fault. The
current-fault circuitry implements full-cycle restart operation.
Additional features include an error amplifier with band-width in excess of 7 MHz, a 5 V reference, provisions
for soft-starting, and flexible ramp generation and slope compensation circuitry.
This device is available in 28-pin “bat-wing” SOIC plastic package for operation over −25
°C to +110°C operation.


Numéro de pièce similaire - UC2875-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
More results

Description similaire - UC2875-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com