Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2875-EP Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC2875-EP
Description  PHASE SHIFT RESONANT CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2875-EP Fiches technique(HTML) 1 Page - Texas Instruments

  UC2875-EP_15 Datasheet HTML 1Page - Texas Instruments UC2875-EP_15 Datasheet HTML 2Page - Texas Instruments UC2875-EP_15 Datasheet HTML 3Page - Texas Instruments UC2875-EP_15 Datasheet HTML 4Page - Texas Instruments UC2875-EP_15 Datasheet HTML 5Page - Texas Instruments UC2875-EP_15 Datasheet HTML 6Page - Texas Instruments UC2875-EP_15 Datasheet HTML 7Page - Texas Instruments UC2875-EP_15 Datasheet HTML 8Page - Texas Instruments UC2875-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
UC2875EP
PHASE SHIFT RESONANT CONTROLLER
SGLS233A − FEBRUARY 2004 − REVISED DECEMBER 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−25
°C to 110°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product Change Notification
D Qualification Pedigree
D Zero to 100% Duty Cycle Control
D Programmable Output Turn-On Delay
D Compatible with Voltage or Current Mode
Topologies
D Practical Operation at Switching
Frequencies to 1 MHz
D Four 2 A Totem Pole Outputs
D 10 MHz Error Amplifier
D Under-Voltage Lockout
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Low Startup Current −150 mA
D Outputs Active Low During UVLO
D Soft-Start Control
D Latched Over-Current Comparator With Full
Cycle Restart
D Trimmed Reference
description/ordering information
The UC2875 integrated circuit implements control of a bridge power stage by phase-shifting the switching of
one half-bridge with respect to the other, allowing constant frequency pulse-width modulation in combination
with resonant, zero-voltage switching for high efficiency performance at high frequencies. This circuit may be
configured to provide control in either voltage or current mode operation, with a separate over-current shutdown
for fast fault protection.
A programmable time delay is provided to insert a dead-time at the turn-on of each output stage. This delay,
providing time to allow the resonant switching action, is independently controllable for each output pair (A−B,
C−D).
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−25
°C to 110°C
SOP − DW
Tape and reel
UC2875SDWREP
UC2875SEP
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2004 − 2008 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DW PACKAGE
(TOP VIEW)
NC = No Connect
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VREF
E/AOUT
EA−
EA+
CS+
SOFTSTART
GND
GND
GND
DELAYSET C−D
NC
OUTD
OUTC
VC
GND
RAMP
SLOPE
CLOCKSYNC
FREQSET
DELAYSET A−B
GND
GND
GND
NC
OUTA
OUTB
PWRGND
VIN


Numéro de pièce similaire - UC2875-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
More results

Description similaire - UC2875-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com