Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2875-EP Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce UC2875-EP
Description  PHASE SHIFT RESONANT CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2875-EP Fiches technique(HTML) 4 Page - Texas Instruments

  UC2875-EP_15 Datasheet HTML 1Page - Texas Instruments UC2875-EP_15 Datasheet HTML 2Page - Texas Instruments UC2875-EP_15 Datasheet HTML 3Page - Texas Instruments UC2875-EP_15 Datasheet HTML 4Page - Texas Instruments UC2875-EP_15 Datasheet HTML 5Page - Texas Instruments UC2875-EP_15 Datasheet HTML 6Page - Texas Instruments UC2875-EP_15 Datasheet HTML 7Page - Texas Instruments UC2875-EP_15 Datasheet HTML 8Page - Texas Instruments UC2875-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
UC2875EP
PHASE SHIFT RESONANT CONTROLLER
SGLS233A − FEBRUARY 2004 − REVISED DECEMBER 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†‡
Supply voltage (VC, VIN)
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (sink or source), IO, DC
0.50 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulse (0.5
µs)
3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog I/O voltage
−0.3 V to 5.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating jucntion temperature range, TJ
−55
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
300
_C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Unless otherwise indicated, voltages are reference to ground and currents are positive into and negative out of the specified terminals.
electrical characteristics, TA = −25_C to 110_C, VC = VIN = 12 V, RFREQSET = 12 kW, CFREQSET = 330 pF,
RSLOPE = 12 kW, CRAMP = 200 pF, CDELAYSET A−B = CDELAYSET C−D = 0.01 mF,
IDELAYSET A−B = IDELAYSET C−D = −500 mA, and TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout
Start threshold
10.75
11.75
V
UVLO hysteresis
0.5
1.25
2
V
Supply Current
Supply current, IIN startup
VIN = 8 V, VC = 20 V, RSLOPE open, IDELAY = 0
150
600
µA
Supply current, IC startup
VIN = 8 V, VC = 20 V, RSLOPE open, IDELAY = 0
10
100
µA
Supply current, IIN
30
44
mA
Supply current, IC
15
30
mA
Voltage Reference
Output voltage
TJ = 25_C
4.92
5
5.08
V
Line regulation voltage
VIN = 11 V to 20 V
1
10
mV
Load regulation voltage
IVREF = −10 mA
5
20
mV
Total variation
Line, Load, Temperature
4.9
5.1
V
Noise voltage
10 Hz to 10 kHz
50
µVrms
Long term stability
1000 hours,
TJ = 125_C
2.5
mV
Short circuit current
VREF = 0 V,
TJ = 25_C
60
mA
Error Amplifier
Offset voltage
5
15
mV
Input bias current
0.6
3
µA
Open loop voltage gain (AVOL)
VE/AOUT = 1 V to 4 V
60
90
dB
Common mode rejection ratio (CMRR)
VCM = 1.5 V to 5.5 V
75
95
dB
PSRR
VIN = 11 V to 20 V
85
100
dB
Output sink current
VE/AOUT = 1 V
1
2.5
mA
Output source current
VE/AOUT = 4 V
−1.3
−0.5
mA
High-level output voltage (VOH)
IE/AOUT = −0.5 mA
4
4.7
5
V
Low-level output voltage (VOL)
IE/AOUT = 1 mA
0
0.5
1
V
Unity gain bandwidth
7
11
MHz
Slew rate
6
11
V/
µsec


Numéro de pièce similaire - UC2875-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
More results

Description similaire - UC2875-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com