Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2856-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC2856-Q1
Description  IMPROVED CURRENT-MODE PWM CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2856-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  UC2856-Q1_15 Datasheet HTML 1Page - Texas Instruments UC2856-Q1_15 Datasheet HTML 2Page - Texas Instruments UC2856-Q1_15 Datasheet HTML 3Page - Texas Instruments UC2856-Q1_15 Datasheet HTML 4Page - Texas Instruments UC2856-Q1_15 Datasheet HTML 5Page - Texas Instruments UC2856-Q1_15 Datasheet HTML 6Page - Texas Instruments UC2856-Q1_15 Datasheet HTML 7Page - Texas Instruments UC2856-Q1_15 Datasheet HTML 8Page - Texas Instruments UC2856-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CL SS
VREF
CS−
CS+
EA+
EA−
COMP
CT
SHUTDOWN
VIN
BOUT
VC
GND
AOUT
SYNC
RT
DW PACKAGE
(TOP VIEW)
P0008-01
UC2856-Q1
www.ti.com
SLVS863B
– JUNE 2008 – REVISED MAY 2011
IMPROVED CURRENT-MODE PWM CONTROLLER
Check for Samples: UC2856-Q1
1
FEATURES
Qualified for Automotive Applications
Pin-for-Pin Compatible With the UC2846
65-ns Typical Delay From Shutdown to
Outputs and 50-ns Typical Delay From Sync to
Outputs
Improved Current Sense Amplifier With
Reduced Noise Sensitivity
Differential Current Sense With 3-V
Common-Mode Range
Trimmed Oscillator Discharge Current for
Accurate Deadband Control
Accurate 1-V Shutdown Threshold
High Current Dual Totem Pole Outputs
(1.5-A Peak)
TTL Compatible Oscillator SYNC Pin
Thresholds
ESD Protection
– 4-kV Human-Body Model (HBM)
– 500-V Charged-Device Model (CDM)
DESCRIPTION
The UC2856 is a high performance version of the popular UC2846 series of current mode controllers, and is
intended for both design upgrades and new applications where speed and accuracy are important. All input to
output delays have been minimized, and the current sense output is slew rate limited to reduce noise sensitivity.
Fast 1.5-A peak output stages have been added to allow rapid switching of power FETs.
A low impedance TTL compatible sync output has been implemented with a 3-state function when used as a
sync input.
Internal chip grounding has been improved to minimize internal noise caused when driving large capacitive
loads. This, in conjunction with the improved differential current-sense amplifier, results in enhanced noise
immunity.
Other features include a trimmed oscillator current (8%) for accurate frequency and dead-time control, a 1-V 5%
shutdown threshold, and 4-kV minimum ESD protection (HBM) on all pins.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
SOP
– DW
Reel of 2000
UC2856QDWRQ1
UC2856Q1
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - UC2856-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2856-Q1 TI-UC2856-Q1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
More results

Description similaire - UC2856-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
[Old version datasheet]   Improved Current-Mode PWM Controller
UC1856J TI-UC1856J Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856 TI-UC1856 Datasheet
386Kb / 9P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC2856Q TI-UC2856Q Datasheet
260Kb / 12P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC2856Q TI-UC2856Q_15 Datasheet
685Kb / 15P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC3856N TI1-UC3856N Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856 TI1-UC1856_12 Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856-SP TI-UC1856-SP_15 Datasheet
454Kb / 23P
[Old version datasheet]   UC1856-SP Improved Current-Mode PWM Controller
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com