Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2856Q Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce UC2856Q
Description  IMPROVED CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2856Q Fiches technique(HTML) 2 Page - Texas Instruments

  UC2856Q_15 Datasheet HTML 1Page - Texas Instruments UC2856Q_15 Datasheet HTML 2Page - Texas Instruments UC2856Q_15 Datasheet HTML 3Page - Texas Instruments UC2856Q_15 Datasheet HTML 4Page - Texas Instruments UC2856Q_15 Datasheet HTML 5Page - Texas Instruments UC2856Q_15 Datasheet HTML 6Page - Texas Instruments UC2856Q_15 Datasheet HTML 7Page - Texas Instruments UC2856Q_15 Datasheet HTML 8Page - Texas Instruments UC2856Q_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
5.1 V
Reference
Regulator
UV
Lockout
FF
T
Q
Q
OSC
4.1 V
VIN 15
SYNC 10
RT
9
CT
8
CS−
3
CS+
4
EA+
5
EA−
6
COMP
7
VREF
2
VC
13
AOUT
11
BOUT
14
GND
12
CL SS
1
SHUTDOWN
16
X3
+
COMP
+
R
S
Q
S
0.5 mA
EA
+
1 V
6 k
+
0.5 V
+
B0010-01
UC
285
6
Q
DW
R
Tape and Reel Indicator
Package
Temperature Indicator
DW = Plastic SOIC
Q = −405C to 1255C
UC2856Q
SGLS265A
– NOVEMBER 2004 – REVISED MAY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
BLOCK DIAGRAM
ORDERING INFORMATION
2
Copyright
© 2004–2011, Texas Instruments Incorporated


Numéro de pièce similaire - UC2856Q_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2856QDWR TI-UC2856QDWR Datasheet
260Kb / 12P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC2856QDWRQ1 TI-UC2856QDWRQ1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
More results

Description similaire - UC2856Q_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
[Old version datasheet]   Improved Current-Mode PWM Controller
UC1856J TI-UC1856J Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1_15 Datasheet
685Kb / 16P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC1856 TI-UC1856 Datasheet
386Kb / 9P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC2856Q TI-UC2856Q Datasheet
260Kb / 12P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC3856N TI1-UC3856N Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856 TI1-UC1856_12 Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856-SP TI-UC1856-SP_15 Datasheet
454Kb / 23P
[Old version datasheet]   UC1856-SP Improved Current-Mode PWM Controller
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com