Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA5.0 Fiches technique(PDF) 4 Page - GOOD-ARK Electronics

No de pièce SA5.0
Description  Transient Voltage Suppressors Peak Pulse Power 500W Stand Off Voltage 5.0 to 180V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SA5.0 Fiches technique(HTML) 4 Page - GOOD-ARK Electronics

  SA5.0_15 Datasheet HTML 1Page - GOOD-ARK Electronics SA5.0_15 Datasheet HTML 2Page - GOOD-ARK Electronics SA5.0_15 Datasheet HTML 3Page - GOOD-ARK Electronics SA5.0_15 Datasheet HTML 4Page - GOOD-ARK Electronics SA5.0_15 Datasheet HTML 5Page - GOOD-ARK Electronics SA5.0_15 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
579
S
E
V
R
U
C
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
N
A
S
G
N
I
T
A
R
(T
A = 25
oC unless otherwise noted)


Numéro de pièce similaire - SA5.0_15

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Taiwan Semiconductor Co...
SA5.0 TSC-SA5.0_14 Datasheet
234Kb / 6P
   Transient Voltage Suppressor
More results

Description similaire - SA5.0_15

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com